Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 23 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 19Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 20Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 21Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 22Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 23Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 24Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 25Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 26Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 23
SST26VF040A
5.12
SPI Dual Output Read
The SPI Dual Output Read instruction supports
frequencies of up to 104 MHz from 2.7V-3.6V and up to
80 MHz from 2.3V-3.6V. Initiate SPI Dual Output Read
by executing an 8-bit command, 3BH, followed by
address bits A[23:0] and a dummy byte. CE# must
remain active-low for the duration of the SPI Dual
Output Read operation. See Figure 5-13 for the SPI
Dual Output Read sequence.
Following the dummy byte, SST26VF040A outputs
data from SIO[1:0] starting from the specified address
location. The device continually streams data output
through all addresses until terminated by a low-to-high
transition on CE#. The internal Address Pointer
automatically increments until the highest memory
address is reached, at which point the Address Pointer
returns to the beginning of the address space.
FIGURE 5-13:
FAST READ, DUAL-OUTPUT SEQUENCE
5.13
SPI Dual I/O Read
The SPI Dual I/O Read (SDIOR) instruction supports up
to 80 MHz frequency. Initiate SDIOR by executing an
8-bit command, BBH. The device then switches to 2-bit
I/O mode for address bits A[23:0], followed by the Set
Mode Configuration bits M[7:0]. CE# must remain
active-low for the duration of the SPI Dual I/O Read.
See Figure 5-14 for the SPI Dual I/O Read sequence.
Following the Set Mode Configuration bits, the
SST26VF040A outputs data from the specified address
location. The device continually streams data output
through all addresses until terminated by a low-to-high
transition on CE#. The internal Address Pointer
automatically increments until the highest memory
address is reached, at which point the Address Pointer
returns to the beginning of the address space.
The Set Mode Configuration bit M[7:0] indicates if the
next instruction cycle is another SPI Dual I/O Read
command. When M[7:0] = AXH, the device expects the
next continuous instruction to be another SDIOR
command, BBH, and does not require the opcode to be
entered again. The host may set the next SDIOR cycle
by driving CE# low, then sending the 2-bit wide input for
address A[23:0],
followed
by
the
Set
Mode
Configuration bits M[7:0]. After the Set Mode
Configuration bits, the device outputs the data starting
from the specified address location. There are no
restrictions on address location access.
When M[7:0] is any value other than AXH, the device
expects the next instruction initiated to be a command
instruction. To reset/exit the Set Mode configuration,
execute the Reset Quad I/O command, FFH. See
Figure 5-15 for the SPI Dual I/O Read sequence when
M[7:0] = AXH.
Note:
MSB = Most Significant Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com