Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 58 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 58 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 54Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 55Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 56Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 57Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 58Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 59Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 60Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 61Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 58
SST26VF040A
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
–XXX
X
/XX
Package
Temperature
Device
Device:
SST26VF040A = 4 Mbit, 2.5V/3.0V, SQI Flash memory
WP#/Hold# pin enable at power-up
Tape and Reel
Indicator:
Blank
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Operating
Frequency
104
= 104 MHz
80
= 80 MHz
Temperature
Range:
I= -40
C to +85C (AEC-Q100 Grade 3)
E= -40
C to +125C (AEC-Q100 Grade 1)
Package:
SN
= SOIC (3.90 mm Body), 8-lead
MF
= WDFN (6 mm x 5 mm Body), 8-lead
Variant(2,3):
VAO
= Standard Automotive
VXX
= Customer Specific Automotive
Valid Combinations:
a)
SST26VF040A-80E/SN70SVAO
b)
SST26VF040A-80E/MF70SVAO
c)
SST26VF040AT-80E/SN70SVAO
d)
SST26VF040AT-80E/MF70SVAO
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
2:
The VAO/VXX automotive variants have
been designed, manufactured, tested
and
qualified
in
accordance
with
AEC-Q100 requirements for automotive
applications.
3:
For customers requesting a PPAP, a cus-
tomer-specific part number will be gener-
ated and provided. A PPAP is not
provided for VAO part numbers.
[X]
Tape and Reel
Indicator
(1)
Operating
Frequency
XXX(2,3)
Variant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com