Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 69 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 69 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 65Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 66Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 67Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 68Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 69Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 70Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 71Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 72Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 69
SST26VF040A
206H
A16
F3H
OTP Capable (Security ID) Supported
0: not supported
1: supported
A17
Supports Block Group Protect
0: not supported
1: supported
A18
Supports Independent Block Protect
0: not supported
1: supported
A19
Supports Independent Nonvolatile Lock (Block or Sector becomes
OTP)
0: not supported
1: supported
A23:A20
Reserved. Bits default to all 1’s.
207H
A31:A24
FFH
Reserved. Bits default to all 1’s.
208H
A7:A0
30H
VDD Minimum Supply Voltage
2.30V (F230)
209H
A15:A8
F2H
20AH
A23:A16
60H
VDD Maximum Supply Voltage
3.60V (F360H)
20BH
A31:A24
F3H
20CH
A7:A0
32H
Typical Time-out for Byte Program: 50 µs
Typical time-out for Byte Program is in µs. Represented by conversion of the
actual time from the decimal to hexadecimal number.
20DH
A15:A8
FFH
Reserved. Bits default to all 1’s.
20EH
A23:A16
0AH
Typical Time-out for Page Program: 1.0 ms (xxH*(0.1 ms)
20FH
A31:A24
12H
Typical Time-out for Sector Erase/Block Erase: 18 ms
Typical time-out for Sector/Block-Erase is in ms. Represented by conversion
of the actual time from the decimal to hexadecimal number.
210H
A7:A0
23H
Typical Time-out for Chip Erase: 35 ms
Typical time-out for Chip Erase is in ms. Represented by conversion of the
actual time from the decimal to hexadecimal number.
211H
A15:A8
46H
Maximum Time-out for Byte Program: 70 µs
Typical time-out for Byte Program is in µs. Represented by conversion of the
actual time from the decimal to hexadecimal number.
212H
A23:A16
FFH
Reserved. Bits default to all 1’s.
213H
A31:A24
0FH
Maximum Time-out for Page Program: 1.5 ms
Typical time-out for Page Program in xxH*(0.1 ms) ms
214H
A7:A0
19H
Maximum Time-out for Sector Erase/Block Erase: 25 ms
Maximum time-out for Sector/Block Erase in ms
215H
A15:A8
32H
Maximum Time-out for Chip Erase: 50 ms.
Maximum time-out for Chip Erase in ms.
216H
A23:A16
0FH
Maximum Time-out for Program Security ID: 1.5 ms
Maximum time-out for Program Security ID in xxH*(0.1 ms) ms
217H
A31:A24
19H
Maximum Time-out for Write Protection Enable Latency: 25 ms
Maximum time-out for Write Protection Enable Latency is in ms. Repre-
sented by conversion of the actual time from the decimal to hexadecimal
number.
218H
A7:A0
19H
Maximum Time-out for Write Suspend Latency: 25 µs
Maximum time-out for Write Suspend Latency is in µs. Represented by con-
version of the actual time from the decimal to hexadecimal number.
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 11 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com