Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 42 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 42 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 38Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 39Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 40Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 41Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 42Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 43Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 44Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 45Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 42
SST26VF040A
7.0
DC CHARACTERISTICS
TABLE 7-1:
DC OPERATING CHARACTERISTICS (VDD =2.3V-3.6V)
Symbol
Parameter
Limits
Test Conditions
Min.
Typical
Max.
Unit
IDDR1
Read Current
—
8
15
mA
VDD =VDD Max,
CE# = 0.1 VDD/0.9 VDD@40 MHz,
SO = Open
IDDR2
Read Current
—
—
20
mA
VDD =VDD Max,
CE# = 0.1 VDD/0.9 VDD@104 MHz,
SO = Open
IDDW
Program and Erase Current
—
—
25
mA
VDD Max
I
SB
1
Standby Current
—
15
30
µA
CE# =VDD, VIN=VDD or VSS
I
SB
2
Standby Curent
—
—
50
µA
CE# =VDD, VIN=VDD or VSS at 125°C
I
DPD
1
Deep Power-Down Current
—
8
20
µA
CE# = VDD, VIN=VDD or VSS
I
DPD
2
Deep Power-Down Current
—
—
30
µA
CE# = VDD, VIN=VDD or VSS at 125°C
ILI
Input Leakage Current
—
—
2
µA
VIN = GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
—
—
2
µA
VOUT = GND to VDD, VDD =VDD Max
VIL
Input Low Voltage
—
—
0.8
V
VDD =VDD Min
VIH
Input High Voltage
0.7 VDD
——
V
VDD =VDD Max
VOL
Output Low Voltage
—
—
0.2
V
IOL = 100 µA, VDD =VDD Min
VOH
Output High Voltage
VDD-0.2
—
—
V
IOH =-100µA, VDD =VDD Min
TABLE 7-2:
Capacitance (TA = 25°C, f = 1 MHz, Other Pins Open)
Parameter
Description
Test Condition
Maximum
COUT(1)
Output Pin Capacitance
VOUT =0V
8 pF
CIN(1)
Input Capacitance
VIN =0V
6 pF
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.
TABLE 7-3:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Unit
Test Method
NEND(1)
Endurance
100,000
Cycles
JEDEC Standard A117 and AEC-Q100-005
TDR(1)
Data Retention
100
Years
JEDEC Standard A103 and AEC-Q100-005
ILTH(1)
Latch Up
100 + IDD
mA
JEDEC Standard 78 and AEC-Q100-004
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.
TABLE 7-4:
WRITE TIMING PARAMETERS (VDD = 2.3V-3.6V)
Symbol
Parameter
Minimum
Maximum
Unit
TSE
Sector Erase
—
25
ms
TBE
Block Erase
—
25
ms
TSCE
Chip Erase
—
50
ms
TPP(1)
Page Program
—
1.5
ms
TPSID
Program Security ID
—
1.5
ms
TWS
Write Suspend Latency
—
25
µs
TCONFIG
Configuration Register Write Latency
—
25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com