Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 11 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 7Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 9Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 10Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 11Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 13Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 14Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 11
SST26VF040A
4.7
Configuration Register
The Configuration register is a Read/Write register that
stores a variety of configuration information. See
Table 4-5 for the function of each bit in the register.
4.7.1
I/O CONFIGURATION (IOC)
The I/O Configuration (IOC) bit reconfigures the I/O
pins. The IOC bit is set by writing a ‘1’ to Bit 1 of the
Configuration register. When IOC bit is ‘0’ the WP# pin
and HOLD# pin or RST# pin are enabled (SPI or Dual
configuration setup). When the IOC bit is set to ‘1’ the
SIO2 and SIO3 pins are enabled (SPI Quad I/O config-
uration setup). The IOC bit must be set to ‘1’ before
issuing the following SPI commands: SQOR (6BH),
SQIOR (EBH), SPI Quad page program (32H) and
RBSPI (ECH). Without setting the IOC bit to ‘1’, those
SPI commands are not valid. The I/O Configuration bit
does not apply when in SQI mode. The default at
power-up and after hardware/software Reset is ‘0’.
4.7.2
VOLATILE LOCK PROTECTION
(VLP)
The Volatile Lock Protection (VLP) bit is a volatile bit
which is set to ‘1’ when a lock-down protection settings
(LDPS) command is executed. When VLP bit is set
to ‘1’, it locks the protection bit BP0, BP1, BP2, BP3
settings of the STATUS register. The VLP bit can be
cleared to ‘0’ only by performing a hardware Reset or
by performing a power cycle.
4.7.3
SECURITY ID STATUS (SEC)
The Security ID Status (SEC) bit indicates when the
Security ID space is locked to prevent a write com-
mand. The SEC bit is ‘1’ after the host issues a Lockout
SID command. Once the host issues a Lockout SID
command, the SEC bit can never be reset to ‘0’.
TABLE 4-5:
CONFIGURATION REGISTER
Bit
Name
Function
Default at
Power-Up
Read/Write
(R/W)
0
Reserved
R
1
IOC
I/O Configuration
1 = WP# and RST# or HOLD# pins disabled
0 = WP# and RST# or HOLD# pins enabled
0(1)
R/W
2
VLP
Volatile Lock Protection
1 = Locks Protection bit setting of BP0, BP1, BP2, BP3
of STATUS register
0 = Protection bit BP0, BP1, BP2, BP3 setting not
locked by VLP bit
0(1)
R
3
SEC
Security ID Status
1 = Security ID space locked
0 = Security ID space not locked
0(2)
R
4
WSE
Write Suspend Erase Status
1 = Erase suspended
0 = Erase is not suspended
0R
5
WSP
Write Suspend Program Status
1 = Program suspended
0 = Program is not suspended
0R
6
RSTHLD
RST# pin or HOLD# Pin Enable
1 = RST# pin enabled
0 = HOLD# pin enabled
0(3)
R/W
7
WPEN
Write Protection Pin (WP#) Enable
1 = WP# enabled
0 = WP# disabled
0(3)
R/W
Note 1: Default at power-up or after hardware Reset is ‘0’.
2: The Security ID status will always be ‘1’ at power-up after a successful execution of the Lockout Security
ID instruction, otherwise default at power-up is ‘0’.
3: Factory default setting. This is a nonvolatile bit, default at power-up will be the setting prior to
power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com