Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 67 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 67 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 63Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 64Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 65Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 66Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 67Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 68Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 69Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 70Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 67
SST26VF040A
6AH
A19:A16
5CH
0-4-4 Mode Entry Method
X1xxb: M[7:0] = AXh
1xxxb: Reserved = 1
A22:A20
Quad Enable Requirements (QER)
101b: Quad Enable is bit 1 of the Configuration register.
A23
HOLD and Reset Disable
0: feature is not supported
6BH
A31:A24
FFH
Reserved bits = 0xFF
JEDEC Flash Parameter Table: 16th DWORD
6C
A6:A0
F0H
Volatile or Nonvolatile Register and Write Enable Instructions for STATUS
Register 1
Xx1_xxxxb: STATUS Register 1 contains a mix of volatile and nonvolatile
bits. The 06h instruction is used to enable writing to the register.
X1x_xxxxb: Reserved = 1
1xx_xxxxb: Reserved = 1
A7
Reserved =1b
6D
A13:A8
30H
Soft Reset and Rescue Sequence Support
X1_xxxxb: Reset Enable instruction 66h is issued followed by Reset
instruction 99h.
1x_xxxxb: exit 0-4-4 mode is required prior to other Reset sequences.
A15:A14
Exit 4-Byte Addressing
Not supported
6E
A23:A16
C0H
Exit 4-Byte Addressing
Not supported
A21:A14 = 00000000b
A23 and A22 are Reserved bits which are = 1
6F
A31:A24
80H
Enter 4-Byte Addressing
Not supported
1xxx_xxxx: Reserved = 1
JEDEC Sector Map Parameter Table
100H
A7:A0
FFH
A7:A2 = Reserved = 111111b
A1 = Descriptor Type = Map = 1b
A0 = Last map = 1b
101H
A15:A8
00H
Configuration ID = 00h
102H
A23:A16
00H
Region Count = 1 Region
103H
A31:A24
FFH
Reserved = FFh
104H
A7:A0
F7H
Region 0 supports 4-Kbyte erase, 32-Kbyte erase and 64-Kbyte erase
A3:A0 = 0111b
A7:A4 = Reserved = 1111b
105H
A15:A8
FFH
Region 0 Size
For 4 Mbit device
Count = 4 Mbit/256 bytes = 2048
Value = count - 1 = 2047
A31:A8 = 0007FFh
106H
A23:A16
07H
107H
A31:A24
00H
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 9 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com