Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 13 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 9Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 10Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 11Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 13Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 14Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 15Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 16Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 13
SST26VF040A
5.0
INSTRUCTIONS
Instructions are used to read, write (erase and pro-
gram), and configure the SST26VF040A. The com-
plete list of the instructions is provided in Table 5-1.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS
Instruction
Description
Op
Code
Cycle(1)
Mode
Address
Cycle(s)(2,3)
Dummy
Cycle(s)(3)
Data
Cycle(s)(3)
Maximum
Frequency (4)
SPI
SQI
Configuration
NOP
No Operation
00H
X
X
0
0
0
104 MHz/80 MHz
RSTEN
Reset Enable
66H
X
X
0
0
0
RST
Reset Memory
99H
X
X
0
0
0
EQIO
Enable Quad I/O
38H
X
0
0
0
RSTQIO
Reset Quad I/O
FFH
X
X
0
0
0
RDSR(5)
Read STATUS
Register
05H
X
0
0
1 to
∞
X0
1
1 to
∞
WRSR
Write STATUS
Register
01H
X
X
0
0
1 to 2
RDCR
Read Configuration
Register
35H
X
0
0
1 to
∞
X0
1
1 to
∞
Read
READ
Read Memory
03H
X
3
0
1 to
∞
40 MHz
High-Speed
Read
Read Memory at
Higher Speed
0BH
X
3
1
1 to
∞
104 MHz/80 MHz
X3
3
1 to
∞
SDOR(6)
SPI Dual Output Read
3BH
X
3
1
1 to
∞
SDIOR (7,8)
SPI Dual I/O Read
BBH
X
3
1
1 to
∞
80 MHz
SQOR (9)
SPI Quad Output
Read
6BH
X
3
1
1 to
∞
104 MHz/80 MHz
SQIOR (10)
SPI Quad I/O Read
EBH
X
3
3
1 to
∞
SB
Set Burst Length
C0H
X
X
0
0
1
RBSQI
SQI nB Burst with
Wrap
0CH
X
3
3
n to
∞
RBSPI
SPI nB Burst with
Wrap
ECH
X
3
3
n to
∞
Identification
JEDEC ID
JEDEC® ID Read
9FH
X
0
0
3 to
∞
104 MHz/80 MHz
Quad J-ID Quad I/O J-ID Read
AFH
X
0
1
3 to
∞
SFDP
Serial Flash Discover-
able Parameters
5AH
X
3
1
1 to
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com