Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVAO Datasheet(PDF) 14 Page - Microchip Technology

Part # SST26VF040A-80I/MFVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVAO Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVAO Datasheet HTML 10Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 11Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 13Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 14Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 15Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 16Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 17Page - Microchip Technology SST26VF040A-80I/MFVAO Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 14
SST26VF040A
Write
WREN
Write Enable
06H
X
X
0
0
0
104 MHz/80 MHz
WRDI
Write Disable
04H
X
X
0
0
0
4-Kbyte
Sector
Erase(11)
Erase 4 Kbyte of
Memory Array
20H
X
X
3
0
0
32-Kbyte
Block
Erase(12)
Erase 32 Kbyte of
Block Memory Array
52H
X
X
3
0
0
64-Kbyte
Block
Erase(13)
Erase 64 Kbyte of
Block Memory Array
D8H
X
X
3
0
0
Chip Erase
Erase Full Memory
Array
60H or
C7H
XX
0
0
0
Page
Program
To Program 1 to 256
Data Bytes
02H
X
X
3
0
1 to 256
SPI Quad
PP(9)
SPI Quad Page
Program
32H
X
3
0
1 to 256
WRSU
Suspends
Program/Erase
B0H
X
X
0
0
0
WRRE
Resume
Program/Erase
30H
X
X
0
0
0
Protection
LDPS
Lock-Down
Protection Settings
8DH
X
X
0
0
0
104 MHz/80 MHz
RSID
Read Security ID
88H
X
2
1
1 to 1024
X
2
3
1 to 1024
PSID
Program User
Security ID Area
A5H
X
X
2
0
1 to 256
LSID
Lockout Security ID
Programming
85H
X
X
0
0
0
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS (CONTINUED)
Instruction
Description
Op
Code
Cycle(1)
Mode
Address
Cycle(s)(2,3)
Dummy
Cycle(s)(3)
Data
Cycle(s)(3)
Maximum
Frequency (4)
SPI
SQI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com