Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 63 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 63 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 59Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 60Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 61Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 62Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 63Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 64Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 65Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 66Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 67Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
57
Power-On Reset (POR)
A timer circuit clocked by a dedicated on-board RC oscillator is used for the
Power-On Reset (POR) timer function. The POR time allows VCC and the oscilla-
tor circuit to stabilize before instruction execution begins.
The POR timer circuit is a one-shot timer triggered by one of three conditions:
•
Power Fail to Power OK status, including Waking up from VBO Standby
• Stop-Mode Recovery (if D5 of SMR = 1)
• WDT Timeout
The POR timer is a nominal 5 ms. Bit 5 of the Stop-Mode Register determines
whether the POR timer is bypassed after Stop-Mode Recovery (typical for external
clock, RC and LC oscillators).
HALT
HALT turns off the internal CPU clock, but not the XTAL oscillation. The counter/
timers and external interrupts IRQ0, IRQ1, IRQ2, IRQ3, IRQ4, and IRQ5 remain
active. The devices are recovered by interrupts, either externally or internally gen-
erated. An interrupt request must be executed (enabled) to exit HALT Mode. After
the interrupt service routine, the program continues from the instruction after the
HALT.
STOP
This instruction turns off the internal clock and external crystal oscillation, thereby
reducing the standby current to 10
µA or less. STOP Mode is terminated only by a
reset, such as WDT timeout, POR, SMR, or external reset. This condition causes
the processor to restart the application program at address 000Ch. In order to
enter STOP (or HALT) mode, first flush the instruction pipeline to avoid suspend-
ing execution in mid-instruction. Execute a NOP (Op Code = FFh) immediately
before the appropriate sleep instruction, as follows:
FF
NOP
; clear the pipeline
6F
STOP
; enter STOP Mode
or
FF
NOP
; clear the pipeline
7F
HALT
; enter HALT Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com