Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 35Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 36Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 37Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 38Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 39Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 40Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 41Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 42Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
33
Register Description
LVD(D)0Ch Low-Voltage Detection Register
The LVD flag will be valid after enabling the detection for 20
µS (design
estimation, not tested in production). LVD does not work at STOP mode. It
must be disabled during STOP mode in order to reduce current.
Do not modify register P01M while checking a low-voltage condition.
Switching noise of both ports 0 and 1 together might trigger the LVD flag.
HI8(D)0Bh
This register holds the captured data from the output of the 8-bit Counter/Timer0.
Typically, this register is used to hold the number of counts when the input signal
is 1.
L08(D)0Ah
This register holds the captured data from the output of the 8-bit Counter/Timer0.
Typically, this register is used to hold the number of counts when the input signal
is 0.
Field
Bit Position
Description
LVD
765432--
Reserved
No Effect
------1-
R1
0*
LV flag set
LV flag reset
-------0
R/W
1
0*
Enable LVD
Disable LVD
*Default after POR
Field
Bit Position
Description
T8_Capture_HI
76543210
R
W
Captured Data
No Effect
Field
Bit Position
Description
T8_Capture_L0
76543210
R
W
Captured Data
No Effect
Note:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com