Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86D7308HSC Datasheet HTML 1Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 2Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 3Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 4Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 5Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 6Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 7Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 8Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
v
Figure 35. SCLK Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 36. Stop-Mode Recovery Source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 37. Stop-Mode Recovery Register 2 ((0F) DH:D2–D4,
D6 Write Only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 38. Watch-Dog Timer Mode Register (Write Only) . . . . . . . . . . . . . . . . 64
Figure 39. Resets and WDT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 40. TC8 Control Register ((0D) OH: Read/Write
Except Where Noted) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 41. T8 and T16 Common Control Functions ((0D) 1h: Read/Write) . . . 69
Figure 42. T16 Control Register ((0D) 2h: Read/Write
Except Where Noted) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Figure 43. Low-Voltage Detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 44. Stop-Mode Recovery Register ((0F) 0Bh: D6–D0=Write Only,
D7=Read Only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Figure 45. Stop-Mode Recovery Register 2 ((0F) 0Dh:D2–D4,
D6 Write Only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
Figure 46. Watch-Dog Timer Register ((0F) 0Fh: Write Only) . . . . . . . . . . . . . 74
Figure 47. Port Configuration Register (PCON) ((0F) 0h: Write Only) . . . . . . . 75
Figure 48. Port 2 Mode Register (F6h: Write Only) . . . . . . . . . . . . . . . . . . . . . 75
Figure 49. Port 3 Mode Register (F7h: Write Only) . . . . . . . . . . . . . . . . . . . . . 76
Figure 50. Port 0 and 1 Mode Register (F8h: Write Only) . . . . . . . . . . . . . . . . 77
Figure 51. Interrupt Priority Register (F9h: Write Only) . . . . . . . . . . . . . . . . . . 78
Figure 52. Interrupt Request Register (FAh: Read/Write) . . . . . . . . . . . . . . . . . 79
Figure 53. Interrupt Mask Register (FBh: Read/Write) . . . . . . . . . . . . . . . . . . . 79
Figure 54. Flag Register (FCh: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 55. Register Pointer (FDh: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 56. Stack Pointer High (FEh: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . 81
Figure 57. Stack Pointer Low (FFh: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . 81
Figure 58. 40-Pin DIP Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 59. 44-Pin PLCC Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 60. 44-Pin QFP Package Design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Figure 61. 48-Pin SSOP Package Design . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com