Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 25Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 26Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 27Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 28Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 29Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 30Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 31Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 32Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
23
Port 3 (P37–P31)
Port 3 is a 7-bit, CMOS-compatible fixed I/O port (see Figure 13). Port 3 consists
of three fixed input (P33–P31) and four fixed output (P37–P34), which can be con-
figured under software control for interrupt and as output from the counter/timers.
P31, P32, and P33 are standard CMOS inputs; P34, P35, P36, and P37 are push-
pull outputs.
Figure 13. Port 3 Configuration
-
Z86D73
OTP
Port 3 (I/O)
P32 (AN2)
P31 (AN1)
Pref
From Stop-Mode Recovery Source of SMR
P33 (REF2)
IRQ2, P31 Data Latch
Pref1
P31
P32
P33
P34
P35
P36
P37
D1
1 = Analog
0 = Digital
R247 = P3M
+
-
+
IRQ0, P32 Data Latch
IRQ1, P33 Data Latch
Comp1
Comp2
Dig.
An.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com