Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 52 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 48Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 49Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 50Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 51Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 52Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 53Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 54Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 55Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
46
T8 Demodulation Mode
Program TC8L and TC8H to FFh. After T8 is enabled, when the first edge (rising,
falling, or both depending on CTR1, D5; D4) is detected, it starts to count down.
When a subsequent edge (rising, falling, or both depending on CTR1, D5; D4) is
detected during counting, the current value of T8 is complemented and put into
one of the capture registers. If it is a positive edge, data is put into LO8; if it is a
negative edge, data is put into HI8. From that point, one of the edge detect status
bits (CTR1, D1; D0) is set, and an interrupt can be generated if enabled (CTR0,
D2). Meanwhile, T8 is loaded with FFh and starts counting again. If T8 reaches 0,
the timeout status bit (CTR0, D5) is set, and an interrupt can be generated if
enabled (CTR0, D1). T8 then continues counting from FFh (see Figure 24 and
Figure 25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com