Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 91 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 91 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 84Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 85Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 86Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 87Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 88Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 89Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 90Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 91Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 92Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
85
Ordering Information
For fast results, contact your local ZiLOG sales office for assistance in ordering
the part desired.
Codes
Package
P = Plastic DIP
F = Plastic Quad Flat Pack
H = SSOP
V = Plastic Chip Carrier
Speed
8 = 8 MHz
Environmental
C = Plastic Standard
Temperature
S = 0 °C to +70 °C
Example
Table 20. Z86D73 Ordering Information
8.0 MHz 40-Pin DIP
8.0 MHz 44-Pin PLCC
8.0 MHz 44-Pin QFP
8.0 MHz 48-Pin SSOP
Z86D7308PSC
Z86D7308VSC
Z86D7308FSC
Z86D7308HSC
Die Form
Please contact ZiLOG.
Z
86D73
08
P
S
C
is a Z86D73, 8 MHz, DIP, 0
°C to 70 °C, Plastic Standard Flow
Environmental Flow
Temperature
Package
Speed
Product Number
ZiLOG Prefix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com