Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 17Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 18Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 19Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 20Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 21Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 22Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 23Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 24Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
15
Figure 9 and Table 8 describe additional timing characteristics.
17 TdAS(DS)
AS Rising to
DS Falling Delay
2.0 V
3.6 V
100
100
ns
ns
2
18 TdDM(AS)
DM Valid to AS
Falling Delay
2.0 V
3.6 V
55
55
ns
ns
2
19 TdDS(DM)
DS Rise to
DM Valid Delay
2.0 V
3.6 V
70
70
ns
ns
20 ThDS(A)
DS Rise to Address
Valid Hold Time
2.0 V
3.6 V
70
70
ns
Notes:
1.When using extended memory timing, add 2 TpC.
2. Timing numbers given are for minimum TpC.
* Standard Test Load: All timing references use 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
Table 7. External I/O or Memory Read and Write Timing (Preliminary) (Continued)
TA = 0 °C to +70 °C 8.0
MHz*
No Symbol
Parameter
VCC
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com