Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D7308HSC Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 3Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 4Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 5Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 6Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 7Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 8Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 9Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 10Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
1
Features
Table 1 shows the features of the Z86D73.
• Low power consumption–40 mW (typical)
• Three standby modes
–
Stop—2
µA (typical)
–
Halt—0.8 mA (typical)
–
Low voltage
• Special architecture to automate both generation and reception of complex
pulses or signals:
–
One programmable 8-bit counter/timer with two capture registers and two
load registers
–
One programmable 16-bit counter/timer with one 16-bit capture register
pair and one 16-bit load register pair
–
Programmable input glitch filter for pulse reception
• Six priority interrupts
–
Three external
–
Two assigned to counter/timers
–
One low-voltage detection interrupt
• Low-voltage detection with flag
• Programmable watch-dog/power-on reset circuits
• Two independent comparators with programmable interrupt polarity
• Mask selectable pull-up transistors on ports 0, 1, 2
• Programmable mask options
–
Oscillator selection: RC oscillator versus crystal or other clock source
Table 1. Features
Device
OTP (KB) RAM* (Bytes) I/O Lines Voltage Range
Z86D73
32
236
31
2.0 V–3.6 V
Note: *General purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com