Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 4 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 4 Page - Analog Devices

  ADE9153A Datasheet HTML 1Page - Analog Devices ADE9153A Datasheet HTML 2Page - Analog Devices ADE9153A Datasheet HTML 3Page - Analog Devices ADE9153A Datasheet HTML 4Page - Analog Devices ADE9153A Datasheet HTML 5Page - Analog Devices ADE9153A Datasheet HTML 6Page - Analog Devices ADE9153A Datasheet HTML 7Page - Analog Devices ADE9153A Datasheet HTML 8Page - Analog Devices ADE9153A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 4 of 50
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC
PGA Gain Settings (xI_PGAGAIN)
Current Channel A (Phase Shunt)
16, 24,
32, 38.4
V/V
PGA gain setting is referred to as gain
Current Channel B (Neutral CT)
1, 2, 4
V/V
PGA gain setting is referred to as gain
Pseudo Differential Input Voltage
Range
(IAP − IAN)
−1/gain
+1/gain
V
44.19 mV rms on Current Channel A, AI_PGAGAIN = 16×
(VAP − VAN)
−0.5
+0.5
V
353.6 mV rms on voltage channel
Differential Input Voltage Range
(IBP − IBN)
−1/gain
+1/gain
V
707 mV rms on Current Channel B
Maximum Operating Voltage on
the Analog Input Pins
VAP
0
1.35
V
Voltage on the pin with respect to ground
IAP, IAN
−0.1125
+0.1125
V
Voltage on the IAx pin with respect to ground
IBP, IBN
0.35
1.45
V
Voltage on the IBx pin with respect to ground;
internal common-mode voltage at IBx pin = 0.9 V
SNR
Current Channel A
AI_PGAGAIN = 16×
90
dB
VIN is a full-scale signal
AI_PGAGAIN = 38.4×
88
dB
VIN is a full-scale signal
Current Channel B
BI_PGAGAIN = 1x
90
dB
VIN is a full-scale signal
BI_PGAGAIN = 4x
78
dB
VIN is a full-scale signal
Voltage Channel
87
dB
VIN is a full-scale signal
ADC Output Pass Band (0.1 dB)
0.672
kHz
ADC Output Bandwidth (−3 dB)
1.6
kHz
Crosstalk
−120
dB
At 50 Hz or 60 Hz; see the Terminology section
AC Power Supply Rejection Ratio
(AC PSRR)
At 50 Hz; see the Terminology section
Current Channel A
−115
dB
Current Channel B
−100
dB
Voltage Channel
−100
dB
AC Common-Mode Rejection Ratio
(AC CMRR)
−120
dB
At 50 Hz
ADC Gain Error
Percentage of error from the ideal value; see the
Terminology section
Current Channel A
±0.2
±1.5
%
Current Channel B
−2.0
±3.5
%
Voltage Channel
−0.8
±3.0
%
ADC Offset
Current Channel A
See the Terminology section
AI_PGAGAIN = 16×
+0.04
±0.1
mV
AI_PGAGAIN = 38.4×
−0.02
±0.05
mV
Current Channel B
−0.26
±0.37
mV
Voltage Channel
+0.35
±0.75
mV
ADC Offset Drift
±0.5
±5
μV/°C
See the Terminology section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com