Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 1 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 1 Page - Analog Devices

  ADE9153A Datasheet HTML 1Page - Analog Devices ADE9153A Datasheet HTML 2Page - Analog Devices ADE9153A Datasheet HTML 3Page - Analog Devices ADE9153A Datasheet HTML 4Page - Analog Devices ADE9153A Datasheet HTML 5Page - Analog Devices ADE9153A Datasheet HTML 6Page - Analog Devices ADE9153A Datasheet HTML 7Page - Analog Devices ADE9153A Datasheet HTML 8Page - Analog Devices ADE9153A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Energy Metering IC with Autocalibration
Data Sheet
ADE9153A
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
mSure autocalibration
Automatic calibration based on a direct measurement of
the full signal path
Calibration procedure not requiring a reference meter
mSure autocalibration Class 1 meter guaranteed
3 high performance ADCs
88 dB SNR
High gain current channel: ±26.04 mV peak, 18.4 mV rms
input at highest gain setting
Advanced metrology feature set
WATT, VAR, VA, Wh, VARh, and VAh
Supports active energy standards: IEC 62053-21;
IEC 62053-22; EN50470-3; OIML R46; and ANSI C12.20
Supports reactive energy standards: IEC 62053-23 and
IEC 62053-24
Current and voltage rms measurement
Power quality measurements
Operating temperature, industrial range: −40°C to +85°C
APPLICATIONS
Single-phase energy meters
Energy and power measurement
Street lighting
Smart power distribution system
Machine health
GENERAL DESCRIPTION
The ADE9153A1 is a highly accurate, single-phase, energy metering
IC with autocalibration. The mSure® autocalibration feature allows
a meter to automatically calibrate the current and voltage channels
without using an accurate source or an accurate reference meter
when a shunt resistor is used as a current sensor. Class 1 and
Class 2 meters are supported by mSure autocalibration.
The ADE9153A incorporates three high performance analog-
to-digital converters (ADCs), providing an 88 dB signal-to-noise
ratio (SNR). The ADE9153A offers an advanced metrology feature
set of measurements like line voltage and current, active energy,
fundamental reactive energy, and apparent energy calculations,
and current and voltage rms calculations. ADE9153A includes
power quality measurements such as zero crossing detection, line
period calculation, angle measurement, dip and swell, peak and
overcurrent detection, and power factor measurements. Each input
channel supports independent and flexible gain stages. Current
Channel A is ideal for shunts, having a flexible gain stage and
providing full-scale input ranges from 62.5 mV peak down to
26.04 mV peak. Current Channel B has gain stages of 1×, 2×,
and 4× for use with current transformers (CTs). A high speed,
10 MHz, serial peripheral interface (SPI) port allows access to
the ADE9153A registers.
Note that throughout this data sheet, multifunction pins, such
as ZX/DREADY/CF2, are referred to either by the entire pin
name or by a single function of the pin, for example, CF2, when
only that function is relevant.
The ADE9153A operates from a 3.3 V supply and is available in
a 32-lead LFCSP package.
TYPICAL APPLICATIONS CIRCUIT
m
Sure VOLTAGE DRIVER
DIGITAL SIGNAL
PROCESSING
SINC AND
DECIMATION
METROLOGY ENGINE
WATT, VA, VAR,
WATT-HR, VA-HR,
VAR-HR, IRMS, VRMS
m
Sure DETECTOR
SAR
TEMPERATURE
SENSOR
CLOCK
GENERATION
CF
GENERATION
ZERO
CROSSING
SPI
INTERFACE
CLKIN
CLKOUT
CF1
ZX/DREADY/CF2
SCLK
MISO/TX
MOSI/RX
SS
AGND/DGND
VAMS
VAN
VAP
AGND/DGND
IAN
IAP
IAMS
IBMS
IBP
IBN
AGND/DGND
B
RSHUNT
RBIG
RSMALL
PHASE
NEUTRAL
IRQ
ADC
ADC
PGA
m
Sure
CURRENT DRIVER
ADC
PGA
ADE9153A
LOAD
Figure 1.
1 Protected by U.S. Patents 8,350,558; 8,010,304; WO2013038176 A3; 0113507 A1; 0253102 A1; 0354266 A1; and 0154029 A1.


Similar Part No. - ADE9153A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
More results

Similar Description - ADE9153A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
Energy Metering IC with Integrated Oscillator
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com