Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 18 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 14Page - Analog Devices ADE9153A Datasheet HTML 15Page - Analog Devices ADE9153A Datasheet HTML 16Page - Analog Devices ADE9153A Datasheet HTML 17Page - Analog Devices ADE9153A Datasheet HTML 18Page - Analog Devices ADE9153A Datasheet HTML 19Page - Analog Devices ADE9153A Datasheet HTML 20Page - Analog Devices ADE9153A Datasheet HTML 21Page - Analog Devices ADE9153A Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 18 of 50
TEST CIRCUIT
22pF
CLKOUT
SS
TO MCU
SCLK
TO MCU
MISO/TX
TO MCU
MOSI/RX
TO MCU
RESET
TO MCU
IRQ
TO MCU
CF1
TO MCU
ZX/DREADY/CF2
TO MCU
FA0
FA1
0.47µF
CLKIN
12.288pF
22pF
0.1µF
150Ω
PHASE
TO LOAD
150Ω
SHUNT
Rb
0.1µF
0.1µF
150Ω
NEUTRAL
150Ω
0.1µF
0.15µF
1kΩ
330kΩ 330kΩ 330kΩ
0.1µF
AVDDOUT
DVDDOUT
IAN
IBN
IBP
IBMS
VAMS
VAN
VAP
IAP
IAMS
REFIN
0.1µF
4.7µF
0.1µF
4.7µF
0.1µF
4.7µF
0.1µF
4.7µF
MSH
0.1µF
4.7µF
VDDOUT2P5
ADE9153A
0.1µF
4.7µF
4.7µF
4
3
18
16
2
7
11
12
19
13
15
14
5
24
8
6
21
1
20
9
17
10
32
31
30
29
28
27
26
25
23
22
Figure 37. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com