Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 3 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 3 Page - Analog Devices

  ADE9153A Datasheet HTML 1Page - Analog Devices ADE9153A Datasheet HTML 2Page - Analog Devices ADE9153A Datasheet HTML 3Page - Analog Devices ADE9153A Datasheet HTML 4Page - Analog Devices ADE9153A Datasheet HTML 5Page - Analog Devices ADE9153A Datasheet HTML 6Page - Analog Devices ADE9153A Datasheet HTML 7Page - Analog Devices ADE9153A Datasheet HTML 8Page - Analog Devices ADE9153A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 3 of 50
SPECIFICATIONS
VDD = 2.97 V to 3.63 V, AGND = DGND = 0 V, on-chip reference, CLKIN = 12.288 MHz, TMIN to TMAX = −40°C to +85°C, and TA = 25°C
(typical), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY (MEASUREMENT ERROR
PER PHASE)
Percentage of the typical value derived from comparing
the actual value with the typical-based expected values
when a 10:1 signal is applied
Total Active Energy
0.1
%
Over a dynamic range of 3000 to 1, 10 sec accumulation
programmable gain amplifier (PGA), AI_PGAGAIN = 16×
0.2
%
AI_PGAGAIN = 38.4×
0.25
%
Over a dynamic range of 10,000 to 1, 30 sec
accumulation; AI_PGAGAIN = 16×
0.5
%
AI_PGAGAIN = 38.4×
Fundamental Reactive Energy
0.1
%
Over a dynamic range of 3000 to 1, 10 sec accumulation;
AI_PGAGAIN = 16×
0.2
%
AI_PGAGAIN = 38.4×
0.25
%
Over a dynamic range of 10,000 to 1, 30 sec
accumulation AI_PGAGAIN = 16×
0.5
%
AI_PGAGAIN = 38.4×
Total Apparent Energy
0.1
%
Over a dynamic range of 1000 to 1, 1 sec accumulation;
AI_PGAGAIN = 16×
0.2
%
AI_PGAGAIN = 38.4×
0.25
%
Over a dynamic range of 3000 to 1, 10 sec accumulation
AI_PGAGAIN = 16×
0.5
%
AI_PGAGAIN = 38.4×
RMS Current (IRMS) and Apparent
Power (VA)
0.1
%
Over a dynamic range of 1000 to 1, 1 sec (averaging)
AI_PGAGAIN = 16×, BI_PGAGAIN = 1×
0.2
%
Over a dynamic range of 1000 to 1, 1 sec (averaging),
AI_PGAGAIN = 38.4×
0.3
%
Over a dynamic range of 3000 to 1, 1 sec (averaging),
AI_PGAGAIN = 16×, BI_PGAGAIN = 1×
0.6
%
Over a dynamic range of 3000 to 1, 1 sec (averaging),
AI_PGAGAIN = 38.4×
RMS Voltage (VRMS)
0.2
%
Over a dynamic range of 1000 to 1, 1 sec (averaging)
Active Power (WATT), Fundamental
Reactive Power (VAR)
0.25
%
Over a dynamic range of 3000 to 1, 1 sec, AI_PGAGAIN =
16×
0.5
%
Over a dynamic range of 3000 to 1, 1 sec, AI_PGAGAIN =
38.4×
One Cycle RMS Current and Voltage
Refreshed Each Half Cycle
0.5
%
Over a dynamic range of 500 to 1 on current and 250 to
1 on voltage
1
%
Over a dynamic range of 1000 to 1 on current and 500 to
1 on voltage
Line Period Measurement
0.001
Hz
Resolution at 50 Hz
Voltage to Current Angle
Measurement
0.036
Degrees
Resolution at 50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com