Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 9 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 5Page - Analog Devices ADE9153A Datasheet HTML 6Page - Analog Devices ADE9153A Datasheet HTML 7Page - Analog Devices ADE9153A Datasheet HTML 8Page - Analog Devices ADE9153A Datasheet HTML 9Page - Analog Devices ADE9153A Datasheet HTML 10Page - Analog Devices ADE9153A Datasheet HTML 11Page - Analog Devices ADE9153A Datasheet HTML 12Page - Analog Devices ADE9153A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 9 of 50
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DGND
DVDDOUT
CLKOUT
CLKIN
VDD
IAMS
IAN
IAP
24 VDD
23 FA0
22 FA1
21 MSH
20 DGND
19 IBMS
18 REFIN
17 AGND
1
2
3
4
5
6
7
8
ADE9153A
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE LEFT FLOATING.
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 20
DGND
Digital Ground. These pins provide the ground reference for the digital circuitry in the ADE9153A and
form the return path for the Current Channel A and Current Channel B mSure currents.
2
DVDDOUT
1.7 V Output of the Digital LDO Regulator. Decouple this pin with a 0.1 μF ceramic capacitor in parallel
with a 4.7 μF ceramic capacitor to Pin 1 (DGND). Do not connect external load circuitry to this pin.
3
CLKOUT
Clock Output. Connect a crystal across CLKIN and CLKOUT to provide a clock source. An external buffer
is required to drive other circuits from CLKOUT.
4
CLKIN
Master Clock Input. Connect a crystal across CLKIN and CLKOUT to provide a clock source. See the
ADE9153A Technical Reference Manual for details on choosing a suitable crystal. Alternatively, an
external clock can be provided at the logic input.
5, 24
VDD
Supply Voltage. These pins provide the supply voltage for the ADE9153A. Maintain the supply voltage
at 3.3 V ± 10% for specified operation. Decouple these pins to AGND or DGND with a 4.7 μF capacitor in
parallel with a ceramic 0.1 μF capacitor.
6
IAMS
Output for the mSure Current Driver on Current Channel A (Phase Current Channel). IAMS is connected
to the positive end of the shunt on the phase (to the side of the shunt closest to the load, on the same
side as IAP).
7, 8
IAN, IAP
Analog Inputs for Current Channel A (Phase Current Channel). The IAP and IAN current channel is ideal
for use with shunts. The IAP (positive) and IAN (negative) inputs are fully differential voltage inputs with
a maximum differential level of ±125 mV. These channels have an internal PGA gain of 16, 24, 32, and
38.4. Use these pins with the related input circuitry, as shown in Figure 37.
9, 17
AGND
Ground Reference for the Analog Circuitry. See Figure 37 for information on how to connect these
ground pins.
10
VDDOUT2P5
2.5 V Output of the Analog LDO Regulator. Decouple this pin with a 0.1 μF ceramic capacitor in parallel
with a 4.7 μF ceramic capacitor to Pin 9 (AGND). Do not connect external load circuitry to this pin.
11, 12
IBN, IBP
Analog Inputs for Current Channel B (Neutral Current Channel). The IBP and IBN current channel is ideal
for use with CTs. The IBP (positive) and IBN (negative) inputs are fully differential voltage inputs with a
maximum differential level of ±1000 mV. These channels have an internal PGA gain of 1, 2, or 4. Use
these pins with the related input circuitry, as shown in Figure 37.
13
VAMS
Path for mSure on the Voltage Channel. VAMS is connected to the bottom end of the resistor divider,
which is typically connected to the phase, as shown in Figure 1.
14, 15
VAP, VAN
Analog Inputs for the Voltage Channels. The VAP (positive) and VAN (negative) inputs are fully differential
with an input level of 0.1 V to 1.7 V. Use these pins with the related input circuitry, as shown in Figure 37.
16
AVDDOUT
1.9 V Output of the Analog LDO Regulator. Decouple this pin with a 0.1 μF ceramic capacitor in parallel
with a 4.7 μF ceramic capacitor to Pin 17 (AGND). Do not connect external load circuitry to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com