Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 28 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 24Page - Analog Devices ADE9153A Datasheet HTML 25Page - Analog Devices ADE9153A Datasheet HTML 26Page - Analog Devices ADE9153A Datasheet HTML 27Page - Analog Devices ADE9153A Datasheet HTML 28Page - Analog Devices ADE9153A Datasheet HTML 29Page - Analog Devices ADE9153A Datasheet HTML 30Page - Analog Devices ADE9153A Datasheet HTML 31Page - Analog Devices ADE9153A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 28 of 50
Overcurrent Indication
The ADE9153A monitors the rms½ value on current channels
to determine overcurrent events. If an rms½ current is greater
than the user configured threshold in the OI_LVL register, the
OIx bit in the EVENT_STATUS register is set. The overcurrent
event generates an interrupt on the IRQ pin.
The OIx_EN bits in the CONFIG3 register select the current
channel to monitor for overcurrent events. The OIx bits in the
EVENT_STATUS register indicate which current channel
exceeded the threshold. The overcurrent value is stored in the
OIA and OIB registers.
Peak Detection
The ADE9153A records the peak value measured on all three
channels from the AI_WAV, AV_WAV, and BI_WAV waveforms.
The PEAK_SEL bits in the CONFIG3 register allow the user to
select which channel to monitor.
The IPEAK register stores the peak current value in the
IPEAKVAL bits and indicates which phase currents reached the
value in the IPPHASE bits. IPEAKVAL is equal to xI_WAV/25.
Similarly, VPEAK stores the peak voltage value in the VPEAKVAL
bits. VPEAKVAL is equal to AV_WAV/25. After a read, the VPEAK
and IPEAK registers reset.
Power Factor
The power factor calculation, APF, is updated every 1.024 sec.
The sign of the APF calculation follows the sign of AWATT. To
determine if power factor is leading or lagging, refer to the sign
of the total or fundamental reactive energy and the sign of the
APF or AWATT value, as shown in Figure 54.
The power factor result is stored in 5.27 format. The highest
power factor value is 0x07FF FFFF, which corresponds to a power
factor of 1. A power factor of −1 is stored as 0xF800 0000. To
determine the power factor from the APF register value, use the
following equation:
Power Factor = APF × 2−27
V
I
CAPACITIVE:
CURRENT LEADS
VOLTAGE
INDUCTIVE:
CURRENT LAGS
VOLTAGE
WATT
VAR
270° LAGGING
90° LAGGING
INDUCTIVE:
CURRENT LAGS
VOLTAGE
CAPACITIVE:
CURRENT LEADS
VOLTAGE
WATT (–)
VAR (+)
QUADRANT II
WATT (+)
VAR (+)
QUADRANT I
WATT (–)
VAR (–)
QUADRANT III
WATT (+)
VAR (–)
QUADRANT IV
WATT(+) INDICATES POWER RECEIVED (IMPORTED FROM GRID)
WATT(–) INDICATES POWER DELIVERED (EXPORTEDTO GRID)
θ2 = 60° PF2 = 0.5 IND
θ1 = –30° PF1 = 0.866 CAP
Figure 54. WATT and VAR Power Sign for Capacitive and Inductive Loads
Temperature
The temperature reading is available in the TEMP_RSLT register.
To convert the temperature range into Celsius, use the following
equation:
Temperature (°C) = TEMP_RSLT × (−TEMP_GAIN/217) +
(TEMP_OFFSET/25)
During the manufacturing of each device, the TEMP_GAIN
and TEMP_OFFSET bits of Register TEMP_TRIM are programed.
To configure the temperature sensor, program the TEMP_CFG
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com