Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 8 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 4Page - Analog Devices ADE9153A Datasheet HTML 5Page - Analog Devices ADE9153A Datasheet HTML 6Page - Analog Devices ADE9153A Datasheet HTML 7Page - Analog Devices ADE9153A Datasheet HTML 8Page - Analog Devices ADE9153A Datasheet HTML 9Page - Analog Devices ADE9153A Datasheet HTML 10Page - Analog Devices ADE9153A Datasheet HTML 11Page - Analog Devices ADE9153A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 8 of 50
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to AGND/DGND
−0.3 V to +3.96 V
Analog Input Voltage to AGND/DGND,
IAP, IAN, IBP, IBN, VP, VN1
−0.75 V to +2.2 V
Reference Input Voltage to AGND/DGND
−0.3 V to +2.2 V
Digital Input Voltage to AGND/DGND
−0.3 V to +3.96 V
Digital Output Voltage to AGND/DGND
−0.3 V to +3.96 V
Operating Temperature
Industrial Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)2
260°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)
4 kV
Machine Model (MM)
200 V
Field Induced Charged Device Model
(FICDM)
1.25 kV
1 The rating of −0.75 V on the analog input pins is limited by protection
diodes inside the ADE9153A. These pins were tested with 7.5 mA going to
the pin to simulate a 30× overcurrent condition on the channel, based on
the test circuit antialiasing resistor of 150 Ω.
2 Analog Devices, Inc., recommends that reflow profiles used in soldering
RoHS-compliant devices conform to J-STD-020D.1 from JEDEC. Refer to
JEDEC for the latest revision of this standard.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA and θJC are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA1
θJC2
Unit
CP-32-123
27.83
2.10
°C/W
1 The θJA measurement uses a 2S2P JEDEC test board.
2 The θJC measurement uses a 1S0P JEDEC test board.
3 All thermal measurements comply with JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com