Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153A Datasheet(PDF) 49 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 42Page - Analog Devices ADE9153A Datasheet HTML 43Page - Analog Devices ADE9153A Datasheet HTML 44Page - Analog Devices ADE9153A Datasheet HTML 45Page - Analog Devices ADE9153A Datasheet HTML 46Page - Analog Devices ADE9153A Datasheet HTML 47Page - Analog Devices ADE9153A Datasheet HTML 48Page - Analog Devices ADE9153A Datasheet HTML 49Page - Analog Devices ADE9153A Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 49 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x4C1
EVENT_STATUS
[15:6]
Reserved
Reserved.
0x0
R
5
OIB
This bit is set when Current
Channel B is in an
overcurrent condition and is
zero when it is not in an
overcurrent condition.
0x0
R
4
OIA
This bit is set when Current
Channel A is in an
overcurrent condition and is
zero when it is not in an
overcurrent condition.
0x0
R
3
Reserved
Reserved.
0x0
R
2
SWELLA
This bit is set when the
voltage channel is in a swell
condition and is zero when
it is not in a swell condition.
0x0
R
1
Reserved
Reserved.
0x0
R
0
DIPA
This bit is set when the
voltage channel is in the dip
condition and is zero when
it is not in a dip condition.
0x0
R
0x4C2
CHIP_STATUS
[15:8]
Reserved
Reserved.
0x0
R
7
UART_RESET
When this bit is set, a UART
interface reset is detected.
0x0
R
6
UART_ERROR2
Reset the UART interface to
clear this error.
0x0
R
5
UART_ERROR1
Reset the UART interface to
clear this error.
0x0
R
4
UART_ERROR0
Reset the UART interface to
clear this error.
0x0
R
3
ERROR3
Issue a software reset or
hardware reset to clear this
error.
0x0
R
2
ERROR2
Issue a software reset or
hardware reset to clear this
error.
0x0
R
1
ERROR1
Issue a software reset or
hardware reset to clear this
error.
0x0
R
0
ERROR0
Issue a software reset or
hardware reset to clear this
error.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com