Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 31 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 27Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 28Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 29Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 30Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 31Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 32Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 33Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 34Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
31
LTC4162-F
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Power Path Isolation in Ship Mode
In ship mode, the LTC4162 shuts down nearly all internal
circuits and reduces its quiescent current to only a few
micro-Amperes. The body diodes of the power path tran-
sistors still provide a conduction path from the battery to
the system load however. If circuits down stream of the
LTC4162 power path must be completely cut off in ship
mode, an external PMOS transistor and one small signal
NMOS transistor can provide this isolation. The circuit of
Figure 6 exploits the fact that the VCC2P5 pin drops to
ground in ship mode. MP1 should be chosen to have a
fairly low threshold voltage if full conductance is needed
for single cell applications because in the single cell case
MN1 drops out and RA and RB form a voltage divider
preventing full gate drive to MP1.
4162F F06
MN1
RYM002N05
MP1
Si5411EDU
RA
1M
RB
390k
VCC2P5
VOUT
VLOAD
TO DOWN STREAM
CIRCUITRY
Figure 6. Isolating Downstream Circuits in Ship Mode.
Choosing the BOOST Capacitor
The BOOST capacitor should be a low ESR surface mount
ceramic type rated to at least 6.3V and should have a
value of 22nF.
Choosing the Inductor
To ensure proper ripple current and control loop stability
the inductor value as a function of switching frequency
and maximum input voltage should be computed from
the following expression:
L(µH) =
0.3 • VIN(MAX)
fOSC(MHz)
Once the value for L is known, the type of inductor core
must be selected. Ferrite cores are recommended for their
very low core loss at frequencies above 100kHz, such as
is the operating frequency of the LTC4162. Ferrite core
material saturates hard, however, which means that in-
ductance collapses abruptly when the peak design current
is exceeded. This causes an abrupt increase in inductor
ripple current and consequent output voltage ripple. The
saturation current for the inductor should be about 30%
higher than the maximum regulated current, ICHG(MAX).
Setting the Switching Frequency (RT Resistor)
The operating frequency and inductor selection are inter-
related. Higher operating frequencies allow the use of
smallerinductorsandcapacitorsbutgenerallyalsoresults
in lower efficiency because of switching and charge trans-
fer losses. The feedback loops of LTC4162 are internally
compensated and cannot be adjusted. The LTC4162 is
designedtooperateproperlywithfrequenciesrangingfrom
1MHz to 2.5MHz. Operation at lower or higher frequen-
cies jeopardizes control loop stability. A resistor on the
RT pin sets the LTC4162's step-down switching charger
operating frequency. To keep the inductor size down and
ensure peak efficiency and stability, the LTC4162 has been
optimized to run at 1.5MHz with an RT value of 63.4kΩ.
Small changes in oscillator frequency can be achieved
by altering RT from this value. The oscillator frequency is
inversely proportional to RT as given by the expression:
fOSC MHz
(
) =
94
RT kΩ
( )
Choosing the VOUT, BATSENS+, INTVCC and VCC2P5
Bypass Capacitors
ThestyleandvalueofthecapacitorsusedwiththeLTC4162
determineimportantparameters,suchasregulatorcontrol
loopstabilityandinputvoltageripple.BecausetheLTC4162
uses a step-down switching power supply from VOUT to
BATSENS+, its input current waveform contains very high
frequencycomponents.Itisimperativethatlowequivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com