Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 2Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 3Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 4Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 5Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 6Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 7Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 8Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 9Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
LTC4162-F
Rev A
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4162 includes over-temperature protection that is
intended to protect the device during momentary overload conditions.
The maximum rated junction temperature will be exceeded when this
protection is active. Continuous operation above the specified absolute
maximum operating junction temperature may impair device reliability or
permanently damage the device.
Note 3: The safety current limit features of this part are intended to
protect the IC from short term or intermittent fault conditions. Continuous
operation above the maximum specified pin current may result in device
degradation or failure.
Note 4: The E-grade is tested under pulsed load conditions such that
TJ ≈ TA. The E-grade is guaranteed to meet specifications from 0°C
to 85°C junction temperature. Specifications over the –40°C to 125°C
operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
I-grade is guaranteed over the full –40°C to 125°C operating junction
temperature range. The junction temperature (TJ) is calculated from the
ambient temperature (TA) and power dissipation (PD) according to the
formula TJ = TA + (PD • θJA). Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 5: Charge Current is given by the charger servo voltage, VCSP-CSN,
divided by the charge current setting resistor RSNSB. Errors in the value of
the external resistor contribute directly to the total charge current error.
Note 6: Input Current is given by the VCLP-CLN servo voltage divided by
the input current setting resistor RSNSI. Errors in the value of the external
resistor contribute directly to the total input current error.
The l denotes the specifications which apply over the full specified
operating junction temperature range, otherwise specifications are at TA = 25°C (Note 4). VIN = 18V, DVCC = 3.3V, RSNSI = 10mΩ,
RSNSB = 10mΩ unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tLOW
LOW Period of SCL Clock
1.3
µs
tHIGH
HIGH Period of SCL Clock
0.6
µs
tBUF
Bus Free Time Between Start and Stop
Conditions
1.3
µs
tHD,STA
Hold Time, After (Repeated) Start
Condition
0.6
µs
tSU,STA
Setup Time after a Repeated Start
Condition
0.6
µs
tSU,STO
Stop Condition Set-Up Time
0.6
µs
tHD,DAT(OUT)
Output Data Hold Time
0
900
ns
tHD,DAT(IN)
Input Data Hold Time
0
ns
tSU,DAT
Data Set-Up Time
100
ns
tSP
Input Spike Suppression Pulse Width
50
ns
SYNC Pin
VIHSYNC
Input High Threshold
l
1.5
V
VILSYNC
Input Low Threshold
l
0.2
V
Pin Leakages (NTC, CELLS0, CELLS1, SDA, SCL, SYNC, SMBALERT)
Pin Current
–50
50
nA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com