Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 14Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 15Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 16Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 17Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 18Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 19Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 20Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 21Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
18
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
System Controls
The switching battery charger can be disabled by setting
suspend_charger.Thismightbenecessary,forinstance,to
pass USB Suspend compliance testing. suspend_charger
should be used with caution as a low battery situation
could prevent the system processor from being able to
clear it and may require a factory service call to remove
and replace the battery.
Input Overvoltage Protection
The LTC4162 has over-voltage detection on its input. If
VINexceedsapproximately38.6Vasindicatedbyvin_ovlo,
the switching charger will stop delivering power. The
charger will resume switching if VIN falls below roughly
37.2V. The overvoltage detection cutoff circuit provides
only modest over voltage protection and is not intended
to prevent damage in all circumstances.
Measurement Subsystem
TheLTC4162includesa16-bitΔΣA/Dconverterandsignal
multiplexer to monitor numerous analog parameters. It
can measure the voltages at vin, vbat and vout, the input
current (voltage between CLP and CLN), iin, the battery
charge current (voltage between CSP and CSN), ibat, the
batterypackthermistor_voltage,itsowninternaldie_temp
and, once a charge cycle begins, the series resistance of
the battery, bsr. To save battery current, the measure-
ment system is disabled if the battery is the only source
of power (vin_gt_vbat = 0). This can be overridden with
force_telemetry_on. The A/D converter is automatically
multiplexed between all of the measured channels and
its 16-bit signed two's complement results are stored in
registers accessible via the I2C port. The seven channels
measured by the ADC each take approximately 1.6ms to
convert. The maximum range of the 16 bit ΔΣ A/D con-
verter is ±1.8V and it has an internal span term of 18191
counts per Volt. It measures each of the above parameters
through different paths giving different sensitivity terms
for each measurement as summarized in Table 1.
Battery Voltage Measurement
Battery voltage is measured through a resistive voltage
divider whose attenuation ratio is based on the cell_count.
The result is reported in vbat. The divider ratio is BAT-
SENS+/(3.5  •  cell_count) making the A/D span term
3.5 • cell_count/18191 or 192.4µV • cell_count per LSB
where cell_count varies from 1 to 9. An alert may be
set on battery voltage by setting the vbat based value
vbat_lo_alert_limit or vbat_hi_alert_limit and setting
en_vbat_lo_alert or en_vbat_hi_alert. These alerts are
indicated by vbat_lo_alert or vbat_hi_alert and are cleared
by writing them to 0.
Input Voltage Measurement
Input voltage is measured through a 30:1 resistive volt-
age divider making the A/D span term for input voltage
measurements 30/18191 or 1.649mV/LSB and is digitized
to vin. An alert may be set on input voltage by setting the
value vin_lo_alert_limit or vin_hi_alert_limit and setting
en_vin_lo_alert or en_vin_hi_alert. These alerts are indi-
cated by vin_lo_alert and vin_hi_alert and are cleared by
writing them to 0.
Table 1. Measurement Subsystem LSB Sizes
MEASUREMENT
UNITS
REGISTER SYMBOL
LSB SIZE
OFFSET
BATTERY VOLTAGE
V
vbat
192.4µV • cell_count
INPUT VOLTAGE
V
vin
1.649mV
OUTPUT VOLTAGE
V
vout
1.653mV
INPUT CURRENT
A
iin
1.466µV/RSNSI
BATTERY CURRENT
A
ibat
1.466µV/RSNSB
DIE TEMPERATURE
°C
die_temp
0.0215°C
264.4°C
BATTERY IMPEDANCE
Ω
bsr
RSNSB • cell_count/500
THERMISTOR VOLTAGE
V
thermistor_voltage
45.833µV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com