Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 36 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 36 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 32Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 33Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 34Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 35Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 36Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 37Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 38Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 39Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
LTC4162-F
Rev A
For more information www.analog.com
REGISTER DESCRIPTIONS
Symbol Name
Command
Code
Access
Bit
Range
Default Description
vbat_lo_alert_limit 0x01
R/W
[15:0]
0
Signed number that sets a lower limit that can be used to trigger an interrupt based
on the per-cell battery voltage out of range. The value is based on the A/D value, vbat,
which has a scaling factor of cell_count × 192.4µV/LSB. To compute the per-cell bit
count, divide the desired trigger voltage by both cell_count and 192.4µV. The alert is
enabled by setting en_vbat_lo_alert and can be read back and cleared at vbat_lo_alert.
vbat_hi_alert_limit 0x02
R/W
[15:0]
0
Signed number that sets an upper limit that can be used to trigger an interrupt based
on the per-cell battery voltage out of range. The value is based on the A/D value, vbat,
which has a scaling factor of cell_count × 192.4µV/LSB. To compute the per-cell bit
count, divide the desired trigger voltage by both cell_count and 192.4µV. The alert is
enabled by setting en_vbat_hi_alert and can be read back and cleared at vbat_hi_alert.
vin_lo_alert_limit
0x03
R/W
[15:0]
0
Signed number that sets a lower limit that can be used to trigger an interrupt based on
input voltage out of range. The value is based on the A/D value, vin, which has a scaling
factor of 1.649mV/LSB. The alert is enabled by setting en_vin_lo_alert and can be read
back and cleared at vin_lo_alert.
vin_hi_alert_limit
0x04
R/W
[15:0]
0
Signed number that sets an upper limit that can be used to trigger an interrupt based on
input voltage out of range. The value is based on the A/D value, vin, which has a scaling
factor of 1.649mV/LSB. The alert is enabled by setting en_vin_hi_alert and can be read
back and cleared at vin_hi_alert.
vout_lo_alert_limit 0x05
R/W
[15:0]
0
Signed number that sets a lower limit that can be used to trigger an interrupt based on
vout voltage out of range. The value is based on the A/D value, vout, which has a scaling
factor of 1.653mV/LSB. The alert is enabled by setting en_vout_lo_alert and can be read
back and cleared at vout_lo_alert.
vout_hi_alert_limit 0x06
R/W
[15:0]
0
Signed number that sets an upper limit that can be used to trigger an interrupt based
on vout voltage out of range. The value is based on the A/D value, vout, which has a
scaling factor of 1.653mV/LSB. The alert is enabled by setting en_vout_hi_alert and can
be read back and cleared at vout_hi_alert.
iin_hi_alert_limit
0x07
R/W
[15:0]
0
Signed number that sets an upper limit that can be used to trigger an interrupt based on
input current out of range. The value is based on the A/D value, iin, which has a scaling
factor of 1.466µV / RSNSI amperes/LSB. The alert is enabled by setting en_iin_hi_alert
and can be read back and cleared at iin_hi_alert.
ibat_lo_alert_limit 0x08
R/W
[15:0]
0
Signed number that sets a lower limit that can be used to trigger an interrupt based on
charge current dropping below a particular value, such as during the constant-voltage
phase of charging, or, load current exceeding a particular limit when not charging.
When the charger is not running, and telemetry is enabled with force_telemetry_on,
this limit indicates that the battery draw has exceeded a particular value. Telemetry will
be enabled automatically if the input voltage exceeds the battery voltage, in which case
discharge current will be nearly zero. ibat values are positive for charging and negative
for discharging so the polarity of this register should be set according to the mode
in which the limit alert is of interest. The value is based on the A/D value, ibat, which
has a scaling factor of 1.466µV / RSNSB amperes/LSB. The alert is enabled by setting
en_ibat_lo_alert and can be read back and cleared at ibat_lo_alert.
die_temp_hi_
alert_limit
0x09
R/W
[15:0]
0
Signed number that sets an upper limit that can be used to trigger an interrupt based
on high die temperature. The value in °C can be calculated from the A/D reading,
die_temp, as TDIE(°C) = die_temp × 0.0215°C/LSB - 264.4°C. The alert is enabled by
setting en_die_temp_hi_alert and can be read back and cleared at die_temp_hi_alert.
bsr_hi_alert_limit
0x0A
R/W
[15:0]
0
Setsanupperlimitthatcanbeusedtotriggeraninterruptbasedonhighbatteryresistance.
The per-cell battery resistance is relative to the battery charge current setting resistor,
RSNSB, and can be computed in Ω from: BSR = cell_count × bsr × RSNSB / 500. The alert
is enabled by setting en_bsr_hi_alert and can be read back and cleared at bsr_hi_alert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com