Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 32 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 28Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 29Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 30Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 31Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 32Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 33Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 34Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 35Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
LTC4162-F
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
series resistance (ESR) multilayer ceramic capacitors be
used to bypass VOUT. Tantalum and aluminum capacitors
will not work because of their high ESR and ESL. The
value of the total capacitance on VOUT directly controls the
amount of input ripple for a given load current. Increas-
ing the size of this capacitor will reduce the input ripple.
The LTC4162 has been designed with VOUT and PGND as
two corner pin groups so there is ample room to fit an
appropriatebypasscapacitor.Theneedforlowimpedance
capacitance directly adjacent to the VOUT and PGND pins
cannot be overemphasized. PCB distance of only a few
millimeters will introduce nano-Henrys of inductance and
compromise the high frequency "hot-loop" (See Printed
Circuit Board Layout Considerations).
It is also recommended that a ceramic capacitor be used
to bypass BATSENS+. At least 10µF with low ESR is re-
quired. Multilayer ceramic chip capacitors typically have
exceptional ESR performance. MLCCs combined with a
tight board layout and an unbroken ground plane will yield
very good performance and low EMI emissions.
The INTVCC and VCC2P5 pins are the outputs of onboard
lowdropoutregulatorsandalsorequireceramiccapacitors.
The INTVCC and VCC2P5 capacitors should be as close
to the LTC4162 as possible and returned immediately to
an analog ground plane. The INTVCC pin requires at least
4.7µF of capacitance rated to at least 6.3V and the VCC2P5
pin requires at least 1µF rated to 4V.
The actual capacitance of any ceramic capacitor should
be measured with a small AC signal and DC bias, as is
expected in-circuit. Many vendors specify the capacitance
versus voltage with a 1VRMS AC test signal with no bias
and, as a result, grossly overstate the capacitance that
the capacitor will present in the application. Using similar
operating conditions as the application, the user must
measure,orrequestfromthevendor,theactualcapacitance
to determine if the selected capacitor meets the minimum
capacitance that the application requires.
INFET and BATFET MOSFET Selection
An external N-channel MOSFET is required for both the
input and battery paths. Important parameters for the se-
lection of these MOSFETs are the maximum drain-source
voltage, VDSS, gate threshold voltage and on-resistance
(RDS(ON)). When the input is grounded, the battery stack
voltage is applied across the input MOSFET. When VBAT
is at 0V, the input voltage is applied across the battery
MOSFET. Therefore, the VDSS of the input MOSFET must
withstand the maximum voltage on VBAT while the VDSS
of the output MOSFET must withstand the highest voltage
on VIN. The gate drive for both is 5V. This requires the use
of logic-level threshold N-channel MOSFETs. As a general
rule, select MOSFETs with a low enough RDS(ON) to obtain
the desired VDS and power dissipation while operating at
full load current.
Operation Without a Battery
The LTC4162 has built in battery detection. Its switching
regulator will generally not start if the battery is missing.
However,ifabatteryispresentatthebeginningofacharge
cycle and is removed, the LTC4162 will operate without
a battery. Typically the BATSENS+ pin will rise quickly
to the programmed constant-voltage level and remain
there. However, it is important that the impedance on the
BATSENS+ node be kept relatively low at the switching
frequency. Therefore a ceramic capacitor of 10µF or more
near the LTC4162 is necessary. Note that without a load on
the BATSENS+ pin, the switching regulator will eventually
terminate due to tcvtimer reaching max_cv_time.
Operation With Long Battery Leads
The LTC4162 is generally resilient to operation with long
battery leads, however a ceramic capacitor of 10µF or
more of appropriate voltage tolerance near the LTC4162
is necessary. Note that any parasitic battery resistance,
such as long cabling, will push the LTC4162 into constant
voltage charging sooner, dramatically extending charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com