Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 39 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 35Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 36Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 37Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 38Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 39Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 40Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 41Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 42Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
en_constant_
voltage_alert
[0]
0
Interruptrequestthatcausesaconstant_voltage_alertSMBALERTuponconstant_voltage
indicating that the battery charger constant voltage regulation loop has taken control
of the switching regulator.
thermal_reg_start_
temp
0x10
R/W
[15:0]
17897
Signed number that sets the start of the temperature region for thermal regulation. To
prevent overheating, a thermal regulation feedback loop utilizing die_temp sets an upper
limit on icharge_dac following a linear gradient from full scale (31) to minimum scale
(0) between thermal_reg_start_temp and thermal_reg_end_temp. The default value of
17897 corresponds to 120°C.
thermal_reg_end_
temp
0x11
R/W
[15:0]
18130
Signed number that sets the end of the temperature region for thermal regulation. To
prevent overheating, a thermal regulation feedback loop utilizing die_temp sets an upper
limit on icharge_dac following a linear gradient from full scale (31) to minimum scale
(0) between thermal_reg_start_temp and thermal_reg_end_temp. The default value of
18130 corresponds to 125°C.
CONFIG_BITS_REG 0x14
R/W
[5:1]
0
System configuration settings
suspend_charger
[5]
0
Causes battery charging to be suspended. This setting should be used cautiously.
For embedded battery systems where two wire interface communication relies on a
minimum battery voltage, setting this bit could result in a deadlock that may require
factory service to correct.
run_bsr
[4]
0
Causes the battery equivalent-series-resistance (bsr) measurement to be made as soon
as a charge cycle starts or immediately if a charge cycle is already running.
telemetry_speed
[3]
0
Forces the telemetry system to take measurements at the higher rate of approximately
once every 11ms whenever the telemetry system is on. When this bit is disabled, the
telemetrysystemwillslowdowntoaboutonceevery5storeducepowerwhennotcharging.
Setting telemetry_speed to tel_high_speed in conjunction with force_telemetry_on with
no input power available will increase battery drain.
Enums: tel_high_speed = 1,
tel_low_speed = 0
force_telemetry_on
[2]
0
Causes the telemetry system to operate at all times, including times when only battery
power is available.
mppt_en
[1]
0
Causes the Maximum Power-Point Tracking algorithm to run. The maximum power
point algorithm takes control of the input undervoltage regulation control loop via the
input_undervoltage_dac to seek the optimum power-point for resistive sources such
as a long cable or solar panel.
iin_limit_target
0x15
R/W
[5:0]
63
Controls the target input current limit setting. The input current is limited by regulating
charge current in response to the voltage across an external current sense resistor,
RSNSI, between the CLP and CLN pins and is given by (iin_limit_target + 1) × 500µV /
RSNSI. Note that the LTC4162 can only limit charge current based on this setting. It does
not have the authority to block current from passing directly through to the system load.
Connecting the system load to the battery, however, can allow total input current control.
input_
undervoltage_
setting
0x16
R/W
[7:0]
31
Controls the input undervoltage regulation setting. The regulation voltage, given by
(input_undervoltage_setting + 1) × 140.625mV, is the voltage at which the charge
current will be reduced to prevent further droop in supply voltage due to a resistive
source. If mppt_en is set, the MPPT algorithm will override this setting. The actual input
undervoltage value can be read back from the input_undervoltage_dac.
arm_ship_mode
0x19
R/W
[15:0]
0
Setting this register to arm arms the ultra low-power ship and store mode. Ship mode
does not take effect until the VIN pin drops below approximately 1V or immediately if
VIN is already below 1V.
Enum: arm = 21325
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com