Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 16Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 17Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 18Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 19Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 20Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 21Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 22Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 23Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
20
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
target total resistance threshold for bsr_hi_alert_limit
should be divided by cell_count before being written to
bsr_hi_alert_limit.
bsr_done_alert and bsr_hi_alert are cleared by writing
them to 0.
Die Temperature Measurement
The LTC4162 has an integrated die temperature sensor
that is monitored by the A/D converter and is digitized to
die_temp. The die temperature is derived from an internal
circuit and follows the equation:
TDIE(°C) = die_temp • 0.0215°C/LSB – 264.4°C
An alert may be set on die temperature by setting the value
die_temp_hi_alert_limitandsettingen_die_temp_hi_alert.
This alert is indicated by die_temp_hi_alert and is cleared
by writing it to 0.
To set the die_temp_hi_alert_limit, compute the threshold
value from:
die _ temp _ hi_ alert _ limit =
TDIE(°C) +264.4°C
0.0215°C/LSB
Battery Temperature (NTC Thermistor) Measurement
To measure the battery temperature using a thermistor,
connect the thermistor, RNTC, normally being located in
the battery pack, between the NTC pin and ground, and a
low drift bias resistor, RNTCBIAS, between NTCBIAS and
NTC. RNTCBIAS should be a 1% or better resistor with a
value equal to the value of the chosen thermistor at 25°C
(R25).TheLTC4162appliesanexcitationvoltageof1.2Vto
RNTCBIAS to measure the thermistor value. The thermistor
measurement result is available at thermistor_voltage. To
minimize battery stress due to charging at temperature
extremes, the LTC4162 has both a simple and a more
advanced JEITA (Japan Electronics and Information
Technology Industries Association) temperature qualified
chargingalgorithm.Iftheapplicationdoesnotrequiretem-
peraturecontrolledcharging,thenthethermistorshouldbe
replaced with a resistor of equal value to the bias resistor
RNTCBIAStocontinuouslysimulate25°C.Ifthethermistoris
found to be open (thermistor_voltage > open_thermistor)
either during the battery detection test or during charg-
ing, charger_state will switch to bat_missing_fault and
charging will halt. Either a thermistor_voltage_lo_alert or
thermistor_voltage_hi_alert may be set with en_thermis-
tor_voltage_lo_alert or en_thermistor_voltage_hi_alert,
both of which are cleared by writing them to 0.
The temperature vs resistance curve of a thermistor can
be obtained from thermistor manufacturers in either table
form or estimated by applying the modified Steinhart-Hart
equation:
RNTC = R25 • e
(A+
B
TC+273.15
+
C
(TC+273.15)2
+
D
(TC+273.15)3
)
Where R25 is the thermistor's resistance at 25°C and A,
B, C and D are provided by the thermistor manufacturer
and TC is the temperature in °C.
The temperature of the thermistor is computed from its
resistance value by the complementary Steinhart-Hart
expression where A1, B1, C1 and D1 are also provided
by the thermistor manufacturer.
TC =
1
A1 +B1ln(
RNTC
R25
) + C1ln
2(RNTC
R25
) + D1ln
3(RNTC
R25
)
−273.15
oC
(1)
Alternatively, the more common but less accurate con-
densed version of Steinhart-Hart using the ubiquitous β
parameter may be employed:
RNTC = R25 • e
−β25/85(
1
298.15oC
−
1
TC+273.15oC
)
Where again, R25 is the thermistor's resistance at 25°C
and several β values are provided by the thermistor manu-
facturer, one for each of a number of temperature ranges.
The inverse β form is:
TC =
β25/85
ln(
RNTC
R25
)+
β25/85
298.15oC
– 273.15oC
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com