Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FSTM#PBF Datasheet(PDF) 34 Page - Analog Devices

Part # LTC4162EUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FSTM#PBF Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC4162EUFD-FSTM#PBF Datasheet HTML 30Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 31Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 32Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 33Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 34Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 35Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 36Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 37Page - Analog Devices LTC4162EUFD-FSTM#PBF Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
LTC4162-F
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
with a 10μF capacitor. Also shown is the troublesome
constant-currentregionwheretheimpedanceisessentially
that of just the 10μF bypass capacitor. Two other networks
areshowncomprisingalarger100μFand1000μFcapacitor
bothinserieswitha2.5Ωresistorforimpedanceflattening
and phase shift mitigation. The compensation capacitor
should be a solid or "polymer" electrolytic type such as the
Panasonic ZA hybrid series to preserve stable ESR over
temperature.Conventional,or"wet",electrolyticcapacitors
should be avoided as their ESR increases dramatically at
low temperature. The larger compensation capacitor will
create a wider impedance flattening frequency range and
therefore more stable operation.
0.01
0.1
1
10
100
FREQUENCY (kHZ)
0.1
1
10
100
1000
10000
4162F F09
10µF||2.5
(Low Impedance)
10µF||2.5
(Low Impedance)
10µF||2.5
(Low Impedance)
10µF||2.5
(LOW IMPEDANCE)
10µF
(High Impedance)
10µF
(High Impedance)
10µF
(High Impedance)
10µF
(HIGH IMPEDANCE)
10µF||(1000µF + 2.5)
10µF||(1000µF + 2.5)
10µF||(1000µF + 2.5)
10µF||(1000µF + 2.5)
10µF||(100µF + 2.5)
10µF||(100µF + 2.5)
10µF||(100µF + 2.5)
10µF||(100µF + 2.5)
Figure 9. Aggregate Input Impedance vs Frequency
USB Power Delivery
For 1 to 4 cell Lithium-Ion products, the LTC4162 can sup-
port the USB Power Delivery specification. Table 7 shows
the relevant compatibility of cell_count vs USB profile.
Table 7. Cell Count Support vs USB Power Delivery Profile
USB PD
Profile
1 Cell
Product
2 Cell
Product
3 Cell
Product
4 Cell
Product
5 Cell
Product
5V
✔
✘
✘
✘
✘
9V
✔
✔
✘
✘
✘
15V
✔
✔
✔
✔
✘
20V
✔
✔
✔
✔
✔
Battery and Input Voltage Hot Plugging
Aluminum-polymer, aluminum-electrolytic or tantalum
capacitors can minimize overshoot when hot plugging
a battery or power connector. Ceramic capacitors are
required close to the LTC4162 VOUT pins to supply very
high frequency switching current but their extreme non-
linearity produces excessively high overshoot during hot
plug. Their capacitance typically plunges by more than
80% as the voltage increases from 0V to rated voltage.
This nonlinearity encourages high current at low voltage
while rapidly shedding capacitance as the voltage rises; a
dangerouscombinationresultinginhighvoltageovershoot.
Empirically, the combination of a ceramic capacitor near
the LTC4162 and a lower Q, voltage-stable, aluminum
type capacitor provides the most robust combination.
TVS diodes may also be used to limit voltage overshoot
on either the input connector or the battery connector
of a portable product. A single protection device (lossy
capacitor or TVS) on the VOUT terminal may be sufficient
to handle hot plug events from either the battery or the
input connector as the power path MOSFETs diode-OR
to the VOUT node. For solar panel applications the solar
panel compensation network may provide adequate hot
plugprotectionontheinputterminal.SeeApplicationNote
AN88 for examples.
Printed Circuit Board Layout Considerations
The Exposed Pad on the backside of the LTC4162 must
be securely soldered to the PC board ground. It serves
as the analog ground pin and thermal sink. There should
be a group of vias under the grounded backside leading
directly down to an internal unbroken ground plane.
High frequency currents tend to find their way on the
ground plane along a mirror path directly beneath the
incident path on the top of the board. If there are slits or
cuts in the ground plane due to other traces on that layer,
the current will be forced to go around the slits. If high
frequency currents are not allowed to flow back through
their natural, least-area, path, excessive voltage will build
up and radiated emissions will occur (see Figure 10). To



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com