Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 4 Page - OKI electronic componets

  ML2240 Datasheet HTML 1Page - OKI electronic componets ML2240 Datasheet HTML 2Page - OKI electronic componets ML2240 Datasheet HTML 3Page - OKI electronic componets ML2240 Datasheet HTML 4Page - OKI electronic componets ML2240 Datasheet HTML 5Page - OKI electronic componets ML2240 Datasheet HTML 6Page - OKI electronic componets ML2240 Datasheet HTML 7Page - OKI electronic componets ML2240 Datasheet HTML 8Page - OKI electronic componets ML2240 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
4/24
PIN DESCRIPTIONS
80-pin Plastic TQFP
Pin
Symbol
Type
Description
1-3, 5, 66-68,
73-80
RD14-RD0
I
Data pins to connect an external memory.
Data is input when the
ROE pin is at "L" level. Input data from outside
is not accepted when the
ROE pin is at "H" level. The RD14-RD8 pins
do not accept input data from outside when the
BYTE pin is at "L"
level.
6
RD15/A-1
I/O
Data pin of the externally connected memory when
BYTE pin is at “H”
level.
The data is input when the
ROE pin output is at "L" level. When the
ROE pin output is at "H" level, input data from outside is not accepted.
This pin becomes an address A-1 output pin when the device is in byte
mode. The address is output when the
RCS pin is at "L" level. When
the
RCS pin is at "H" level, this pin is in a high impedance state.
7
BYTE
I
Word/byte switching pin of the externally connected memory.
When
BYTE pin = “L” level: Byte mode
When
BYTE pin = “H” level: Word mode
8-20, 22-24,
28-30, 32-35
RA22-RA0
O
Address pins of an externally connected memory.
When
RCS pin = “H”: High impedance
25
XT
I
Wired to a crystal or ceramic oscillator.
Contains a feedback resistor of around 1 M
Ω between this XT pin and
XT pin (pin 27).
When using an external clock, input the clock from this pin.
27
XT
O
Wired to a crystal or ceramic oscillator.
When using an external clock, keep this pin open.
36
RESET
I
When “L” level is input to this pin, the device is reset to the initial state.
The oscillation stops, and AOUT output goes into “GND” level.
37
WR
I
CPU interface write signal.
When
CS pin is at “H” level, the WR signal cannot be input to the
device.
38
RD
I
CPU interface read signal.
For parallel input interface, a status signal for each channel is output
from the D0-D7 pins when the
RD pin is at "L" level. For the serial
input interface, a status signal for each channel is output from the
D5/D0 pin. This pin has a pull-up resistor built-in.
39
CS
I
CPU interface chip select pin.
When
CS pin is at “H” level, the WR, and RD signals cannot be input to
the device.
41-44
D3/STA3
D2/STA2
D1/STA1
D0/STA0
I/O
CPU interface data bus pins in the parallel input interface become
data input pins when
WR is at “L” level.
They become channel status output pins in the serial input interface.
These pins also become channel status output pins when
RD is at “L”
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com