Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 12Page - OKI electronic componets ML2240 Datasheet HTML 13Page - OKI electronic componets ML2240 Datasheet HTML 14Page - OKI electronic componets ML2240 Datasheet HTML 15Page - OKI electronic componets ML2240 Datasheet HTML 16Page - OKI electronic componets ML2240 Datasheet HTML 17Page - OKI electronic componets ML2240 Datasheet HTML 18Page - OKI electronic componets ML2240 Datasheet HTML 19Page - OKI electronic componets ML2240 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
16/24
Power Down Function
In power down state, the power down function in the device stops the internal operation and oscillation, sets
AOUT to GND, and minimizes the static Idd.
Figure below shows the equivalent circuit of
XT and XT pins.
Channel Status
Channel status is of 2 types: NCRn and
BUSYn.
Channel
Channel status
CH1
NCR1
BUSY1
CH2
NCR2
BUSY2
CH3
NCR3
BUSY3
CH4
NCR4
BUSY4
NCRn = “H” indicates that it is possible to input the PLAY, START, and MUON commands for the phrase to be
played back next for channel n.
BUSYn = “H” indicates a state in which channel n has not performed voice processing. BUSYn = “L” indicates a
state in which channel n is performing voice processing.
Meanwhile, after a command is input, the NCR and
BUSY signals of all channels are at “L” level during the
processing of the command.
For Status output methods, see the Micro-computer Interface section.
1 M
Ω approx.
RESET
External input
To master clock inside the device
XT
“L”
XT
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com