Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 3Page - OKI electronic componets ML2240 Datasheet HTML 4Page - OKI electronic componets ML2240 Datasheet HTML 5Page - OKI electronic componets ML2240 Datasheet HTML 6Page - OKI electronic componets ML2240 Datasheet HTML 7Page - OKI electronic componets ML2240 Datasheet HTML 8Page - OKI electronic componets ML2240 Datasheet HTML 9Page - OKI electronic componets ML2240 Datasheet HTML 10Page - OKI electronic componets ML2240 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
7/24
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDD
–0.3 to +7.0
V
Input voltage
VIN
Ta = 25°C
–0.3 to VDD +0.3
V
Storage temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS (3 V)
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Power supply voltage
VDD
—
2.7 to 3.6
V
Operating temperature
TOP
—
–40 to +85
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz
RECOMMENDED OPERATING CONDITIONS (5 V)
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Power supply voltage
VDD
—
4.5 to 5.5
V
Operating temperature
TOP
—
–40 to +85
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com