Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 4Page - OKI electronic componets ML2240 Datasheet HTML 5Page - OKI electronic componets ML2240 Datasheet HTML 6Page - OKI electronic componets ML2240 Datasheet HTML 7Page - OKI electronic componets ML2240 Datasheet HTML 8Page - OKI electronic componets ML2240 Datasheet HTML 9Page - OKI electronic componets ML2240 Datasheet HTML 10Page - OKI electronic componets ML2240 Datasheet HTML 11Page - OKI electronic componets ML2240 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
8/24
ELECTRICAL CHARACTERISTICS
DC Characteristics (3 V)
DVDD = AVDD = 2.7 to 3.6 V, DGND = AGND = 0 V, Ta = –40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
—
0.86
× V
DD
—
—
V
“L” input voltage
VIL
—
—
—
0.14
× V
DD
V
“H” output voltage
VOH
IOH = –1 mA
VDD – 0.4
—
—
V
“L” output voltage
VOL
IOL = 2 mA
—
—
0.4
V
“H” input current 1
IIH1
VIH = VDD
—
—
10
µA
“H” input current 2
(Note 1)
IIH2
VIH = VDD
0.3
3.0
15
µA
“H” input current 3
(Note 4)
IIH3
VIH = VDD
8
—
130
µA
“L” input current 1
IIL1
VIL = GND
–10
—
—
µA
“L” input current 2
(Note 2)
IIL2
VIL = GND
–120
—
–10
µA
“L” input current 3
(Note 1)
IIL3
VIL = GND
–15
–3.0
–0.3
µA
Output leakage
current (Note 3)
ILO
0
≤ V
OUT ≤ VDD
–10
—
+10
µA
Operating current
consumption 1
IDD1
fOSC = 4 MHz at no load
OPTANA = “L”
—
8
20
mA
Operating current
consumption 2
IDD2
fOSC = 4 MHz at no load
OPTANA = “H”
—
10
30
mA
Ta = –40 to +70°C
—
—
15
µA
Standby current
consumption
IDS
Ta = –40 to +85°C
—
—
50
µA
Notes: 1. Applies to XT pin.
2. Applies to
RD pin.
3. Applies to RA22 to RA0, D15/A-1, and
ROE pins.
4. Applies to TEST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com