Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 1 Page - OKI electronic componets

  ML2240 Datasheet HTML 1Page - OKI electronic componets ML2240 Datasheet HTML 2Page - OKI electronic componets ML2240 Datasheet HTML 3Page - OKI electronic componets ML2240 Datasheet HTML 4Page - OKI electronic componets ML2240 Datasheet HTML 5Page - OKI electronic componets ML2240 Datasheet HTML 6Page - OKI electronic componets ML2240 Datasheet HTML 7Page - OKI electronic componets ML2240 Datasheet HTML 8Page - OKI electronic componets ML2240 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OKI Semiconductor
FEDL2240DIGEST-02
Issue Date: July 12, 2004
ML2240
4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
1/24
This document contains minimum specifications. For full specifications, please contact your nearest Oki office or
representative.
GENERAL DESCRIPTION
The ML2240 is a 4-channel mixing speech synthesis device which connects an external ROM expanded up to
128-Mbit (maximum). This ML2240 allows to select the playback method from the 8-bit PCM, non-linear 8-bit
PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms. And the sound volume is adjustable as well.
The ML2240 incorporates a 14-bit D/A converter, and low-pass filter.
It is easy to configure a speech synthesizer by externally connecting a power amplifier and a CPU to the ML2240.
FEATURES
• Non-linear 8-bit PCM, 8-bit PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms
• Serial input/parallel input selectable
• Phrase control table function i.e., user definable phrase control table function
• 4 channels mixing function
• Master clock frequency:
4.096 MHz
• Sampling frequency:
4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, 10.6 kHz, 12.8 kHz,
16.0 kHz, 21.3 kHz, 25.6 kHz, 32.0 kHz, 42.7 kHz, 48 kHz
• Maximum number of phrases:
256 phrases
• Sound volume adjustment function built in (4 sounds independently adjustable in 29 steps)
• External voice data can be input
• 14-bit D/A converter built in
• Built-in low-pass filter:
Digital filter
• Package:
80-pin plastic TQFP
(TQFP80-P-1212-0.50-K) (ML2240TB)


Similar Part No. - ML2240

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ML224D-12 MPD-ML224D-12 Datasheet
1Mb / 5P
Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224D-15 MPD-ML224D-15 Datasheet
1Mb / 5P
Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224DMR-12RI4 MPD-ML224DMR-12RI4 Datasheet
731Kb / 2P
Medical Approved Compact SMT, 2W DC/DC Converters
ML224DMR-15RI4 MPD-ML224DMR-15RI4 Datasheet
731Kb / 2P
Medical Approved Compact SMT, 2W DC/DC Converters
ML224MD12HI MPD-ML224MD12HI Datasheet
334Kb / 2P
ML200MHI SERIES
More results

Similar Description - ML2240

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com