Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 13Page - OKI electronic componets ML2240 Datasheet HTML 14Page - OKI electronic componets ML2240 Datasheet HTML 15Page - OKI electronic componets ML2240 Datasheet HTML 16Page - OKI electronic componets ML2240 Datasheet HTML 17Page - OKI electronic componets ML2240 Datasheet HTML 18Page - OKI electronic componets ML2240 Datasheet HTML 19Page - OKI electronic componets ML2240 Datasheet HTML 20Page - OKI electronic componets ML2240 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
17/24
Voice Synthesis Algorithm
The ML2240 contains 5 algorithm types to match the characteristic of playback voice: 2-bit ADPCM 2 algorithm,
4-bit ADPCM 2 algorithm, 8-bit PCM algorithm, 8-bit non-linear PCM algorithm, and 16-bit PCM algorithm.
Key feature of each algorithm is described in the table below.
Voice synthesis algorithm
Applied waveform
Feature
Oki 2-bit ADPCM2
Normal voice waveform
Oki’s specific speech synthesis algorithm of low
bit rate with improved 2-bit ADPCM.
Oki 4-bit ADPCM2
Normal voice waveform
Oki’s specific speech synthesis algorithm of
improved waveform follow-up with improved
4-bit ADPCM.
Oki 8-bit Nonlinear PCM
High-frequency components
inclusive sound effect etc.
Algorithm which plays back mid-range of
waveform as 10-bit equivalent voice quality.
8-bit PCM
High-frequency components
inclusive sound effect etc.
Normal 8-bit PCM algorithm
16-bit PCM
High-frequency components
inclusive sound effect etc.
Normal 16-bit PCM algorithm
Memory Allocation and Creating Voice Data
The ROM is partitioned into 3 data areas: voice (i.e., phrase) control area, voice area, and phrase control table area.
The voice control area manages the ROM’s voice data. It controls the start/end addresses of voice data, usage/not
usage of the phrase control table function and so on. The voice control area stores voice control data for 256
phrases.
The voice area stores the actual waveform data.
The phrase control table area stores data for effective use of voice data. As for the details, please refer to the Phrase
control table Function.
There is no phrase control table area if the phrase control table is not used.
The ROM data is created using a development tool.
Voice control area
(16 Kbit Fixed)
Voice area
Phrase control table area
Depends on creation of ROM
data.
0x000000
0x0007FF
0x000800
max: 0xFFFFFF
max: 0xFFFFFF
ROM Addresses (ML2240 byte mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com