Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 5 Page - OKI electronic componets

  ML2240 Datasheet HTML 1Page - OKI electronic componets ML2240 Datasheet HTML 2Page - OKI electronic componets ML2240 Datasheet HTML 3Page - OKI electronic componets ML2240 Datasheet HTML 4Page - OKI electronic componets ML2240 Datasheet HTML 5Page - OKI electronic componets ML2240 Datasheet HTML 6Page - OKI electronic componets ML2240 Datasheet HTML 7Page - OKI electronic componets ML2240 Datasheet HTML 8Page - OKI electronic componets ML2240 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
5/24
Pin No.
Pin Symbol
I/O
Description
45
D4/STASEL
I/O
CPU interface data bus pin in the parallel input interface.
This pin becomes a data input pin when
WR is at "L" level. It becomes
a channel status output pin when
RD is at "L" level. It outputs a BUSY
signal for channel 1. For the serial input interface, it becomes a
channel status changeover pin. When D4/STASEL is at "L" level, the
D3/STA3-D0/STA0 pins output the NCR (Next Command Request)
for each channel. When the D4/STASEL is at "H" level, the
D3/STA3-D0/STA0 pins output
BUSY signals for their corresponding
channels.
46
D5/DO
I/O
CPU interface data bus pin in the parallel input interface.
This pin becomes a data input pin when
WR is at “L” level. It becomes
a channel status output pin when
RD is at “L” level. This pin outputs 2
channels of
BUSY signal.
When
CS and RD are at “L” level, this D5/DO pin serially outputs the
status of each channel in synchronization with D6/SCK clock.
47
D6/SCK
I/O
CPU interface data bus pin in the parallel input interface.
This pin becomes a data input pin when
WR is at "L" level. It becomes
a channel status output pin when
RD is at "L" level. It outputs a BUSY
signal for channel 3.
This pin becomes a serial clock input pin for the serial input interface.
When the SCK pin input is at "L" level on the falling edge of the
CS pin
signal, the DI pin input signal goes into the device on at the rising edge
of the SCK clock, and the data is output from the DO pin. When the
SCK pin input is at "H" level on the falling edge of the
CS pin signal,
the DI pin input signal goes into the device on the falling edge of the
SCK clock, and the data is output from the DO pin.
48
D7/DI
I/O
CPU interface data bus pin in the parallel input interface.
When
WR is at "L" level, it becomes a data input pin. When RD is at
"L" level, it becomes a channel status output pin. It outputs a
BUSY
signal for channel 4.
For the serial input interface, this pin becomes a serial data input pin.
Works as serial data input pin in the serial input interface.
50
DAOL
O
Outputs the left 14-bit DAC analog signal.
51
AOUTL
O
Outputs the left 14-bit DAC analog signal via voltage follower.
53
DAOR
O
Outputs the right 14-bit DAC analog signal.
54
AOUTR
O
Outputs the right 14-bit DAC analog signal via voltage follower.
56
RCS
I
“L” level: RA22-0, A-1, and
ROE pins output the address data and the
output enable signal.
“H” level: RA22-0, A-1, and
ROE pins are in high impedance.
58
ROE
O
Output enable pin for an externally connected memory.
RCS pin = “H” level: High impedance
59
SERIAL
I
CPU interface switching pin.
“H” level: Serial input interface, “L” level: Parallel input interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com