Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2240 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 9Page - OKI electronic componets ML2240 Datasheet HTML 10Page - OKI electronic componets ML2240 Datasheet HTML 11Page - OKI electronic componets ML2240 Datasheet HTML 12Page - OKI electronic componets ML2240 Datasheet HTML 13Page - OKI electronic componets ML2240 Datasheet HTML 14Page - OKI electronic componets ML2240 Datasheet HTML 15Page - OKI electronic componets ML2240 Datasheet HTML 16Page - OKI electronic componets ML2240 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
13/24
2. Serial Interface
When selecting the serial interface, the I/O pins
CS, WR, DI. SCK, RD, and DO are used as input pins to input
various commands and data, and as output pins to read out the status of the commands and data.
The micro-computer interface becomes effective when
CS pin is set to “L” level.
To input the commands and data, “L” level is input to
CS and WR pins followed by, from MSB, to DI pin in
synchronization with the input clock signal at SCK pin. Data at DI pin is captured inside the device on the
rising or falling edge of the clock at SCK pin. And the command is executed on the rising edge of the
WR pin.
The selection of rising/falling edge of SCK clock is determined by the input level of the SCK pin on the falling
edge of the
CS pin. If the SCK pin on the falling edge of the CS pin is at “L” level, the DI pin data is captured
inside the device on the rising edge of SCK clock. Conversely, if the SCK pin on the falling edge of the
CS pin
is at “H” level, then the DI pin data is captured on the falling edge of SCK clock.
Command and Data Input Timings
• SCK Rising Edge Operation
• SCK falling Edge Operation
DI (I)
CS (I)
WR (I)
D7
SCK (I)
D6
D5
D4
D3
D2
D1
D0
CS (I)
WR (I)
D7
SCK (I)
D6
D5
D4
D3
D2
D1
D0
DI (I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com