Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5041ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADP5041
Data Sheet
Rev. B | Page 32 of 40
Capacitors with lower equivalent series resistance (ESR) are
preferred to guarantee low output voltage ripple, as shown in
the following equation:
RIPPLE
RIPPLE
COUT
I
V
ESR
The effective capacitance needed for stability, which includes
temperature and dc bias effects, is a minimum of 7 μF and a
maximum of 40 μF.
Table 10. Suggested 10 μF Capacitors
Vendor
Type
Model
Case
Size
Voltage
Rating (V)
Murata
X5R
GRM188R60J106
0603
6.3
Taiyo
Yuden
X5R
JMK107BJ106MA-T
0603
6.3
TDK
X5R
C1608JB0J106K
0603
6.3
Panasonic
X5R
ECJ1VB0J106M
0603
6.3
The buck regulator requires 10 μF output capacitors to guaran-
tee stability and response to rapid load variations and to transition
in and out the PWM/PSM modes. In certain applications where
the buck regulator powers a processor, the operating state is
known because it is controlled by software. In this condition,
the processor can drive the MODE pin according to the operating
state; consequently, it is possible to reduce the output capacitor
from 10 μF to 4.7 μF because the regulator does not expect a
large load variation when working in PSM mode (see Figure 109).
SW
VIN1
VIN2
VIN3
VOUT1
VOUT2
PGND
VOUT3
L1
1µH
R7
100kΩ
C1
10µF
C2
1µF
C3
1µF
AVIN
RFLT
30Ω
VIN
2.3V TO 5.5V
MICRO PMU
ADP5041
PROCESSOR
ANALOG
SUBSYSTEM
VCORE
VDDIO
RESET
GPIO1
MODE
WDI
GPIO2
ENx
GPIO[x:y]
3
R5
FB3
R6
R1
R2
R3
R4
VANALOG
nRSTO
FB1
FB2
C6
2.2µF
C5
4.7µF
C7
2.2µF
Figure 109. Processor System Power Management with PSM/PWM Control
Input Capacitor
A higher value input capacitor helps to reduce the input voltage
ripple and improve transient response. Maximum input
capacitor current is calculated using the following equation:
IN
OUT
IN
OUT
MAX
LOAD
CIN
V
V
V
V
I
I
)
(
)
(
To minimize supply noise, place the input capacitor as close
to the VIN pin of the buck as possible. As with the output
capacitor, a low ESR capacitor is recommended.
The effective capacitance needed for stability, which includes
temperature and dc bias effects, is a minimum of 3 μF and a
maximum of 10 μF. A list of suggested capacitors is shown in
Table 11.
Table 11. Suggested 4.7 μF Capacitors
Vendor
Type
Model
Case
Size
Voltage
Rating (V)
Murata
X5R
GRM188R60J475ME19D
0603
6.3
Taiyo Yuden
X5R
JMK107BJ475
0603
6.3
Panasonic
X5R
ECJ-0EB0J475M
0402
6.3
LDO EXTERNAL COMPONENT SELECTION
Feedback Resistors
The maximum value of RB is not to exceed 200 kΩ (see
Figure 103).
OUTPUT CAPACITOR
The ADP5041 LDOs are designed for operation with small,
space-saving ceramic capacitors, but they function with most
commonly used capacitors as long as care is taken with the ESR
value. The ESR of the output capacitor affects stability of the
LDO control loop. A minimum of 0.70 μF capacitance with an
ESR of 1 Ω or less is recommended to ensure stability of the
LDO. Transient response to changes in load current is also
affected by output capacitance. Using a larger value of output
capacitance improves the transient response of the LDO to large
changes in load current.
When operating at output currents higher than 200 mA a
minimum of 2.2 μF capacitance with an ESR of 1 Ω or less is
recommended to ensure stability of the LDO.
Table 12. Suggested 2.2 μF Capacitors
Vendor
Type
Model
Case
Size
Voltage
Rating (V)
Murata
X5R
GRM188B31A225K
0402
10.0
TDK
X5R
C1608JB0J225KT
0402
6.3
Panasonic
X5R
ECJ1VB0J225K
0402
6.3
Taiyo Yuden
X5R
JMK107BJ225KK-T
0402
6.3
Input Bypass Capacitor
Connecting 1 μF capacitors from VIN2 and VIN3 to ground
reduces the circuit sensitivity to printed circuit board (PCB)
layout, especially when long input traces or high source
impedance is encountered. If greater than 1 μF of output
capacitance is required, increase the input capacitor to match it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com