Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5041ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADP5041
Rev. B | Page 5 of 40
LDO1, LDO2 SPECIFICATIONS
VIN2, VIN3 = (VOUT2, VOUT3 + 0.5 V) or 1.7 V (whichever is greater) to 5.5 V; AVIN, VIN1 ≥ VIN2, VIN3; CIN = 1 μF, COUT = 2.2 μF;
TJ= −40°C to +125°C for minimum/maximum specifications and TA = 25°C for typical specifications, unless otherwise noted.1
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN2, VIN3
TJ = −40°C to +125°C
1.7
5.5
V
OPERATING SUPPLY CURRENT
Bias Current per LDO2
IVIN2BIAS/IVIN3BIAS
IOUT3 = IOUT4 = 0 μA
10
30
μA
IOUT2 = IOUT3 = 10 mA
60
100
μA
IOUT2 = IOUT3 = 300 mA
165
245
μA
Total System Input Current
IIN
Includes all current into AVIN, VIN1, VIN2, and
VIN3
LDO1 or LDO2 Only
IOUT2 = IOUT3 = 0 μA, all other channels disabled
53
μA
LDO1 and LDO2 Only
IOUT2 = IOUT3 = 0 μA, buck disabled
74
μA
OUTPUT VOLTAGE ACCURACY
VOUT2, VOUT3
100 μA < IOUT2 < 300 mA, 100 μA < IOUT3 < 300 mA
VIN2 = (VOUT2 + 0.5 V) to 5.5 V
VIN3 = (VOUT3 + 0.5 V) to 5.5 V
−3
+3
%
REFERENCE VOLTAGE
VFB2,VFB3
0.485
0.500
0.515
V
REGULATION
Line Regulation
(ΔVOUT2/VOUT2)/ΔVIN2
(ΔVOUT3/VOUT3)/ΔVIN3
VIN2 = (VOUT2 + 0.5 V) to 5.5 V
VIN3 = (VOUT3 + 0.5 V) to 5.5 V
−0.03
+0.03
%/ V
IOUT2 = IOUT3 = 1 mA
Load Regulation3
(ΔVOUT2/VOUT2)/ΔIOUT2
(ΔVOUT3/VOUT3)/ΔIOUT3
IOUT2 = IOUT3 = 1 mA to 300 mA
0.002
0.0075
%/mA
DROPOUT VOLTAGE4
VDROPOUT
VOUT2 = VOUT3 = 5.0 V, IOUT2 = IOUT3 = 300 mA
72
mV
VOUT2 = VOUT3 = 3.3 V, IOUT2 = IOUT3 = 300 mA
86
140
mV
VOUT2 = VOUT3 = 2.5 V, IOUT2 = IOUT3 = 300 mA
107
mV
VOUT2 = VOUT3 = 1.8 V, IOUT2 = IOUT3 = 300 mA
180
mV
ACTIVE PULL-DOWN
RPDLDO
EN2/EN3 = 0 V
600
Ω
CURRENT-LIMIT THRESHOLD5
ILIMIT
TJ = −40°C to +125°C
335
470
mA
OUTPUT NOISE
OUTLDO2NOISE
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 3.3 V
123
μV rms
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 2.8 V
110
μV rms
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 1.5 V
59
μV rms
OUTLDO1NOISE
10 Hz to 100 kHz, VIN2 = 5 V, VOUT2 = 3.3 V
140
μV rms
10 Hz to 100 kHz, VIN2 = 5 V, VOUT2 = 2.8 V
129
μV rms
10 Hz to 100 kHz, VIN2 = 5 V, VOUT2 = 1.5 V
66
μV rms
POWER SUPPLY REJECTION
RATIO
PSRR
1 kHz, VIN2, VIN3 = 3.3 V, VOUT2, VOUT3 = 2.8 V,
IOUT = 100 mA
66
dB
100 kHz, VIN2,VIN3 = 3.3 V, VOUT2,VOUT3 = 2.8 V,
IOUT = 100 mA
57
dB
1 MHz, VIN2, VIN3 = 3.3 V, VOUT2, VOUT3 = 2.8 V,
IOUT = 100 mA
60
dB
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 This is the input current into VIN2 and VIN3 that is not delivered to the output load.
3 Based on an end-point calculation using 1 mA and 300 mA loads.
4 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only to output voltages
above 1.7 V.
5 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com