Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5041ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ADP5041
Rev. B | Page 19 of 40
4.758
4.708
4.658
4.608
0.001
0.01
0.1
OUTPUT CURRENT (A)
5.5V
5.0V
Figure 63. LDO1, LDO2 Load Regulation Across Input Voltage, VOUT = 4.7 V
3.40
3.20
0.001
0.01
0.1
OUTPUT CURRENT (A)
5.5V
3.6V
4.5V
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
Figure 64. LDO1, LDO2 Load Regulation Across Input Voltage, VOUT = 3.3 V
1.800
1.770
0.001
0.01
0.1
OUTPUT CURRENT (A)
1.775
1.780
1.785
1.790
1.795
3.6V
4.5V
5.5V
2.8V
Figure 65. LDO1, LDO2 Load Regulation Across Input Voltage, VOUT = 1.8 V
1.220
1.180
0.001
0.01
0.1
OUTPUT CURRENT (A)
3.6V
4.5V
5.5V
2.8V
1.185
1.190
1.195
1.200
1.205
1.210
1.215
Figure 66. LDO1, LDO2 Load Regulation Across Input Voltage, VOUT = 1.2 V
3.40
3.20
0.001
0.01
0.1
OUTPUT CURRENT (A)
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
–40°C
+25°C
+85°C
Figure 67. LDO1, LDO2 Load Regulation Across Temperature, VIN = 3.6 V,
VOUT = 3.3 V
1.800
1.770
0.001
0.01
0.1
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
1.775
1.780
1.785
1.790
1.795
Figure 68. LDO1, LDO2 Load Regulation Across Temperature, VIN = 3.6 V,
VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com