Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5041ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADP5041
Rev. B | Page 35 of 40
The inductor losses are estimated (without core losses) by
L
RMS
OUT1
L
DCR
I
P
2
)
(
(4)
where:
DCRL is the inductor series resistance.
IOUT1(RMS) is the rms load current of the buck regulator.
/12
+
1
)
(
r
I
I
OUT1
RMS
OUT1
(5)
where r is the normalized inductor ripple current.
r ≈ VOUT1 × (1-D)/(IOUT1 × L × fSW)
(6)
where:
L is inductance.
fSW is switching frequency.
D is duty cycle.
D = VOUT1/VIN1
(7)
The ADP5041 buck regulator power dissipation, PDBUCK, includes
the power switch conductive losses, the switch losses, and the
transition losses of each channel. There are other sources of
loss, but these are generally less significant at high output load
currents, where the thermal limit of the application is. Equation 8
shows the calculation made to estimate the power dissipation in
the buck regulator.
PDBUCK = PCOND + PSW + PTRAN
(8)
The power switch conductive losses are due to the output current,
IOUT1, flowing through the PMOSFET and the NMOSFET power
switches that have internal resistance, RDSON-P and RDSON-N. The
amount of conductive power loss is found by:
PCOND = [RDSON-P × D + RDSON-N × (1 − D)] × IOUT12
(9)
For the ADP5041, at 125°C junction temperature and VIN1 =
3.6 V, RDSON-P is approximately 0.2 Ω, and RDSON-N is approximately
0.16 Ω. At VIN1 = 2.3 V, these values change to 0.31 Ω and
0.21 Ω respectively, and at VIN1 = 5.5 V, the values are 0.16 Ω
and 0.14 Ω, respectively.
Switching losses are associated with the current drawn by the
driver to turn on and turn off the power devices at the switching
frequency. The amount of switching power loss is given by:
PSW = (CGATE-P + CGATE-N) × VIN12 × fSW
(10)
where:
CGATE-P is the PMOSFET gate capacitance.
CGATE-N is the NMOSFET gate capacitance.
For the ADP5041, the total of (CGATE-P + CGATE-N) is
approximately 150 pF.
The transition losses occur because the PMOSFET cannot be
turned on or off instantaneously, and the SW node takes some
time to slew from near ground to near VOUT1 (and from VOUT1 to
ground). The amount of transition loss is calculated by:
PTRAN = VIN1 × IOUT1 × (tRISE + tFALL) × fSW
(11)
where tRISE and tFALL are the rise time and the fall time of the
switching node, SW. For the ADP5041, the rise and fall times of
SW are in the order of 5 ns.
If the preceding equations and parameters are used for
estimating the converter efficiency, it must be noted that the
equations do not describe all of the converter losses, and the
parameter values given are typical numbers. The converter
performance also depends on the choice of passive components
and board layout; therefore, a sufficient safety margin should be
included in the estimate.
LDO Regulator Power Dissipation
The power loss of a LDO regulator is given by:
PDLDO = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(12)
where:
ILOAD is the load current of the LDO regulator.
VIN and VOUT are input and output voltages of the LDO,
respectively.
IGND is the ground current of the LDO regulator.
Power dissipation due to the ground current is small and it
can be ignored.
The total power dissipation in the ADP5041 simplifies to:
PD = {[PDBUCK + PDLDO1 + PDLDO2]}
(13)
Junction Temperature
In cases where the board temperature, TA, is known, the
thermal resistance parameter, θJA, can be used to estimate the
junction temperature rise. TJ is calculated from TA and PD using
the formula
TJ = TA + (PD × θJA)
(14)
The typical θJA value for the 20-lead, 4 mm × 4 mm LFCSP is
38°C/W (see Table 7). A very important factor to consider is
that θJA is based on a 4-layer, 4 inch × 3 inch, 2.5 oz copper, as
per JEDEC standard, and real applications may use different
sizes and layers. To remove heat from the device, it is important
to maximize the use of copper. Copper exposed to air dissipates
heat better than copper used in the inner layers. The exposed
pad (EP) should be connected to the ground plane with several
vias as shown in Figure 114.
If the case temperature can be measured, the junction temperature
is calculated by
TJ = TC + (PD × θJC)
(15)
where:
TC is the case temperature.
θJC is the junction-to-case thermal resistance provided in
Table 7.
When designing an application for a particular ambient
temperature range, calculate the expected ADP5041 power
dissipation (PD) due to the losses of all channels by using
Equation 8 to Equation 13. From this power calculation, the
junction temperature, TJ, can be estimated using Equation 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com