Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5041ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
ADP5041
Rev. B | Page 9 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1 = VIN2 = VIN3 = AVIN = 5.0 V, TA = 25°C, unless otherwise noted.
CH4 2.0V/DIV 1MΩ BW 500M
CH2 2.0V/DIV 1MΩ BW 20.0M
CH3 2.0V/DIV 1MΩ BW 500M
A CH2
1.88V
200µs/DIV
1.0MS/s
1.0µs/pt
4
2
3
VOUT1
VOUT2
VOUT3
Figure 3. 3-Channel Start-Up Waveforms
CH1
CH2
CH3
CH4
A CH1
1.08V
200µs/DIV
5.0MS/s
200ns/pt
1
2
3
4
VOUT3
VOUT2
VOUT1
IIN
2.0V/DIV
1MΩ BW 20.0M
2.0V/DIV
1MΩ BW 20.0M
300mA/DIV 1MΩ BW 20.0M
2.0V/DIV
1MΩ BW 20.0M
Figure 4. Total Inrush Current, All Channels Started Simultaneously
1.0
0
2.4
2.9
3.4
3.9
4.4
4.9
5.4
VIN (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Figure 5. System Quiescent Current (Sum of All the Input Currents) vs.
Input Voltage, VOUT1 = 1.8 V, VOUT2 = VOUT3 = 3.3 V, (UVLO = 3.3 V)
CH1
CH2
CH3
CH4
A CH1
2.32V
50µs/DIV
2.0MS/s
500ns/pt
1
2
3
4
SW
VOUT1
EN
IIN
4.0V/DIV
1MΩ BW 20.0M
3.0V/DIV
1MΩ BW 500M
200mA/DIV 1MΩ BW 20.0M
5.0V/DIV
1MΩ BW 500M
Figure 6. Buck Startup, VOUT1 = 3.3 V, IOUT2 = 20 mA
CH1
CH2
CH3
CH4
A CH1
1.12V
50µs/DIV
2.0MS/s
500ns/pt
1
2
3
4
SW
VOUT1
EN
IIN
8.0V/DIV
1MΩ BW 20.0M
2.0V/DIV
1MΩ BW 500.0M
200mA/DIV 1MΩ BW 20.0M
5.0V/DIV
1MΩ BW 500.0M
Figure 7. Buck Startup, VOUT1 = 1.8 V, IOUT = 20 mA
CH1
CH2
CH3
CH4
A CH1
640mV
50µs/DIV
2.0MS/s
500ns/pt
SW
VOUT1
EN
IIN
8.0V/DIV
1MΩ BW 20.0M
2.0V/DIV
1MΩ BW 500.0M
200mA/DIV 1MΩ BW 20.0M
5.0V/DIV
1MΩ BW 500.0M
1
2
3
4
Figure 8. Buck Startup, VOUT1 = 1.2 V, IOUT = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com