Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5041ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADP5041
Rev. B | Page 21 of 40
200
0
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
20
40
60
80
100
120
140
160
180
0.000001A
0.0001A
0.001A
0.01A
0.1A
0.15A
0.3A
Figure 75. LDO1, LDO2 Ground Current vs. Input Voltage, Across Output
Load (A), VOUT = 3.3 V
CH2
CH3
A CH3
27.2mA
2
VOUT
30.0mV/DIV
80.0mA/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
5.0MS/s
200ns/pt
IOUT
Figure 76. LDO1, LDO2 Response to Load Transient, IOUT from 1 mA to
80 mA, VOUT = 4.7 V
CH2
CH3
A CH3
27.2mA
2
VOUT
30.0mV/DIV
80.0mA/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
5.0MS/s
200ns/pt
IOUT
Figure 77. LDO1, LDO2 Response to Load Transient, IOUT from 10 mA to
200 mA, VOUT = 4.7 V
CH2
CH3
A CH3
42.0mA
2
VOUT
30.0mV/DIV
50.0mA/DIV
B
W 20.0M
3
1MΩ BW 120M
200µs/DIV
500kS/s
2.0µs/pt
IOUT
Figure 78. LDO1, LDO2 Response to Load Transient, IOUT from 1 mA to
80 mA, VOUT = 3.3 V
CH2
CH3
A CH3
89.6mA
2
VOUT
50.0mV/DIV
80.0mA/DIV
B
W 20.0M
3
1MΩ BW 120M
200µs/DIV
500kS/s
2.0µs/pt
IOUT
Figure 79. LDO1, LDO2 Response to Load Transient, IOUT from 10 mA to
200 mA, VOUT = 3.3 V
CH2
CH3
A CH3
89.6mA
2
VOUT
30.0mV/DIV
80.0mA/DIV
B
W 20.0M
3
1MΩ BW 120M
200µs/DIV
500kS/s
2.0µs/pt
IOUT
Figure 80. LDO1, LDO2 Response to Load Transient, IOUT from 1 mA to
80 mA, VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com