Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5041ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Micro PMU with 1.2 A Buck, Two 300 mA LDOs,
Supervisory, Watchdog, and Manual Reset
Data Sheet
ADP5041
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 5.5 V
One 1.2 A buck regulator
Two 300 mA LDOs
20-lead, 4 mm × 4 mm LFCSP package
Overcurrent and thermal protection
Soft start
Undervoltage lockout
Open-drain processor reset with externally adjustable
threshold monitoring
Guaranteed reset output valid to VAVIN = 1 V
Manual reset input
Watchdog refresh input
Buck key specifications
Output voltage range: 0.8 V to 3.8 V
Current mode topology for excellent transient response
3 MHz operating frequency
Peak efficiency up to 96%
Uses tiny multilayer inductors and capacitors
Mode pin selects forced PWM or auto PWM/PSM mode
100% duty cycle low dropout mode
LDOs key specifications
Output voltage range: 0.8 V to 5.2 V
Low input supply voltage from 1.7 V to 5.5 V
Stable with 2.2 μF ceramic output capacitors
High PSRR
Low output noise
Low dropout voltage
−40°C to +125°C junction temperature range
FUNCTIONAL BLOCK DIAGRAM
SW
EN_BK
FB2
R4
R4
R5
R3
FB3
R3
R7
C5
2.2µF
C6
2.2µF
VOUT2
AVIN
VBIAS
VBIAS
VOUT1
FB1
L1
1µH
R1
R2
VIN1 = 2.3V TO
5.5V
C1
4.7µF
SUPERVISOR
µP
nRSTO
WDI
VTHR
MR
RFILT = 30Ω
VIN2 = 1.7V
TO 5.5V
VIN1
ON
OFF
ON
OFF
ON
OFF
EN1
VIN2
C2
1µF
C3
1µF
EN2
EN3
VIN3
VIN3 = 1.7V
TO 5.5V
EN_LDO2
LDO2
(ANALOG)
BUCK
AGND
VOUT1 AT
1.2A
C6
10µF
PGND
FPWM
PSM/PWM
MODE
VOUT2 AT
300mA
VOUT3 AT
300mA
VOUT3
LDO1
(DIGITAL)
EN_LDO1
Figure 1.
GENERAL DESCRIPTION
The ADP5041 combines one high performance buck regulator
and two low dropout (LDO) regulators in a small 20-lead
LFCSP to meet demanding performance and board space
requirements.
The high switching frequency of the buck regulator enables
use of tiny multilayer external components and minimizes
board space.
When the MODE pin is set to logic high, the buck regulator
operates in forced PWM mode. When the MODE pin is set to
logic low, the buck regulator operates in PWM mode when the
load is around the nominal value. When the load current falls
below a predefined threshold, the regulator operates in power
save mode (PSM), improving the light load efficiency. The low
quiescent current, low dropout voltage, and wide input voltage
range of the ADP5041 LDOs extend the battery life of portable
devices. The ADP5041 LDOs maintain a power supply rejection
greater than 60 dB for frequencies as high as 10 kHz while
operating with a low headroom voltage.
Each regulator in the ADP5041 is activated by a high level on
the respective enable pin. The output voltages of the regulators
and the reset threshold are programmed through external resistor
dividers to address a variety of applications. The ADP5041
contains supervisory circuits that monitor power supply voltage
levels and code execution integrity in microprocessor-based
systems. They also provide power-on reset signals. An on-chip
watchdog timer can reset the microprocessor if it fails to strobe
within a preset timeout period.


Similar Part No. - ADP5041ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5041 AD-ADP5041 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
More results

Similar Description - ADP5041ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Analog Devices
ADP5042 AD-ADP5042 Datasheet
1Mb / 32P
Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
REV. 0
ADP5040 AD-ADP5040 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
logo
Analog Devices
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
9/2019-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com