Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5041ACPZ-1-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5041ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041ACPZ-1-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5041ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5041ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADP5041
Data Sheet
Rev. B | Page 36 of 40
The reliable operation of the buck regulator and the LDO
regulator can be achieved only if the estimated die junction
temperature of the ADP5041 (Equation 14) is less than 125°C.
Reliability and mean time between failures (MTBF) is highly
affected by increasing the junction temperature. Additional
information about product reliability can be found in the
Analog Devices, Inc., Reliability Handbook, which is available
at http://www.analog.com/reliability_handbook.
APPLICATION DIAGRAM
ON
OFF
FPWM
PWM/PSM
RFILT
30Ω
SW
PGND
MODE
C4
10µF
L1
1µH
VIN1
EN3
EN1
VIN2
VIN3
EN2
AGND
VOUT2
VOUT1
FB3
VOUT3
VTHR
WDI
nRSTO
C1
4.7µF
AVIN
C2
1µF
C3
1µF
EN_BK
BUCK
EN_LDO1
LDO1
(DIGITAL)
EN_LDO2
LDO2
(ANALOG)
SUPERVISOR
ON
OFF
ON
OFF
4
20
16
13
10
7
6
3
EP
1
19
5
14
FB2
FB1
15
17
9
11
8
12
WDOG
RESET
PUSH-BUTTON
RESET
MR
R2
R1
2
R7
R8
C6
2.2µF
18
VTH
R9
R4
R3
VOUT1 AT
1.2A
R6
R5
VDD
C5
2.2µF
VIN1 =2.3V
TO 5.5V
VIN2 =1.7V
TO 5.5V
VIN3 =1.7V
TO 5.5V
VOUT2 AT
300mA
VOUT3 AT
300mA
Figure 113. Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com