Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5138WACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADP5138
Rev. A | Page 5 of 23
BUCK REGULATOR SPECIFICATIONS
VAVIN = VPVIN1 = VPVIN2 = VPVIN3 = VPVIN4 = 5.0 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for
typical specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FEEDBACK
FB1 to FB4 Regulation Voltage
VFB1 to VFB4
Adjustable version
0.788
0.8
0.812
V
Fixed Output Accuracy1
VOUT1 to VOUT4
−2
+2
%
OUTPUT CHARACTERISTICS
Pulse-width modulation (PWM) mode
Load Regulation2
∆VOUT/∆IOUT
Output current (IOUT) from 0 A to 1 A, VAVIN = VPVINx = 5 V
0.3
%/A
Line Regulation2
∆VOUT/∆VPVIN
VAVIN = VPVINx = 4 V to 5.5 V, IOUT = 1 A
0.1
%/V
SWITCH NODE
High-Side On Resistance3
RDSON_H
VAVIN = VPVINx = 5 V, ISWx = 0.5 A
130
200
mΩ
Low-Side On Resistance3
RDSON_L
VAVIN = VPVINx = 5 V, ISWx = 0.5 A
120
200
mΩ
SWx Leakage Current
ISW_LK
VAVIN = VPVINx = 5 V, SWx = GND or SWx = VPVINx
0.1
µA
CURRENT LIMIT
High-Side Peak Current Limit
1.28
1.6
1.92
A
Low-Side Sink Current Limit
1
A
PWM SWITCHING FREQUENCY
fSW
3
3.2
3.4
MHz
PHASE SHIFT
Phase shift between channels
90
Degrees
SYNC
SYNC pin
Synchronization Range
2.8
3.5
MHz
SYNC Minimum On Time
100
ns
SYNC Minimum Off Time
100
ns
SYNC Input Voltage
High
1.2
V
Low
0.4
V
OUTPUT DISCHARGE RESISTANCE
RDISCHARGE1 to
RDISCHARGE4
64
100
Ω
SOFT START TIME
tSS1 to tSS4
425
500
575
µs
1
VOUT1 to VOUT4 are the output voltages on Channel 1 to Channel 4.
2
Bench characterization result.
3
Pin to pin measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com