Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5138WACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADP5138
Data Sheet
Rev. A | Page 14 of 23
Figure 28. LDO Output Noise RMS Value vs. Frequency at VPVIN5 = 5 V,
IOUT5 = 250 mA, VOUT5 = 1.8 V, Adjustable Output Option
Figure 29. Startup with Full Load (ENx, VOUT1, VOUT2, and VOUT3)
Figure 30. Shutdown at No Load (ENx, VOUT1, VOUT2, and VOUT3)
Figure 31. Phase Shift
Figure 32. Startup with Full Load (VOUT3, VOUT4, VOUT5, and POR)
Figure 33. Shutdown at No Load (VOUT3, VOUT4, VOUT5, and POR)
30
25
15
10
5
0
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
20
1
4
2
3
T
CH1 5.00V BW
CH4 1.00V BW
CH3 500mV BW
CH2 2.00V BW
CH1
2.70V
1.00ms
T 30.00%
ENx
VOUT1
VOUT2
VOUT3
1
4
2
3
T
CH1 5.00V BW
CH4 1.00V BW
CH3 1.00V BW
CH2 2.00V BW
CH1
2.70V
2.00ms
T 30.00%
ENx
VOUT1
VOUT2
VOUT3
1
4
2
3
T
CH1 5.00V
CH4 5.00V
CH3 5.00V
CH2 5.00V
CH1
1.80V
200ns
T 50.60%
SW1
SW2
SW3
SW4
1
4
2
3
T
CH1 5.00V BW
CH4 1.00V BW
CH3 1.00V BW
CH2 1.00V BW
CH1
2.70V
1.00ms
T 87.20%
VOUT4
VOUT3
VOUT5
POR
1
4
2
3
T
CH1 5.00V BW
CH4 1.00V BW
CH3 1.00V BW
CH2 1.00V BW
CH1
2.70V
2.00ms
T 30.00%
VOUT4
VOUT3
VOUT5
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com